Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8318ACPZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8318ACPZ-R2
Description  1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318ACPZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8318ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 16Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
AD8318
USING THE AD8318
analog.com
Rev. E | 13 of 24
Figure 26. Input Interface
While the input can be reactively matched, this is typically not nec-
essary. An external 52.3 Ω shunt resistor (connected on the signal
side of the input coupling capacitors, see Figure 23) combines
with the relatively high input impedance to provide an adequate
broadband 50 Ω match.
Table 4. Input Impedance for Select Frequency
Frequency (MHz)
S11
Impedance Ω (Series)
Real
Imaginary
100
+0.918
−0.041
927-j491
450
+0.905
−0.183
173-j430
900
+0.834
−0.350
61-j233
1900
+0.605
−0.595
28-j117
2200
+0.524
−0.616
28-j102
3600
+0.070
−0.601
26-j49
5300
−0.369
−0.305
20-j16
5800
−0.326
−0.286
22-j16
8000
−0.390
−0.062
22-j3
The coupling time constant, 50 × CC/2, forms a high-pass corner
with a 3 dB attenuation at fHP = 1/(2π × 50 × CC), where C1 =
C2 = CC. Using the typical value of 1 nF, this high-pass corner
is ~3.2 MHz. In high frequency applications, fHP must be as large
as possible to minimize the coupling of unwanted low frequency
signals. Likewise, in low frequency applications, a simple RC net-
work forming a low-pass filter must be added, generally placed at
the generator side of the coupling capacitors, thereby lowering the
required capacitance value for a given high-pass corner frequency.
OUTPUT INTERFACE
The logarithmic output interface is shown in Figure 27. The VOUT
pin is driven by a PNP output stage. An internal 10 Ω resistor is
placed in series with the emitter follower output and the VOUT
pin. The rise time of the output is limited mainly by the slew on
CLPF. The fall time is an RC limited slew provided by the load
capacitance and the pull-down resistance at VOUT. There is an
internal pull-down resistor of 350 Ω. Any resistive load at VOUT is
placed in parallel with the internal pull-down resistor and provides
additional discharge current.
Figure 27. Output Interface
SETPOINT INTERFACE
The setpoint interface is shown in Figure 28. The VSET input
drives the high impedance (250 kΩ) input of an internal operational
amplifier. The VSET voltage appears across the internal 3.13 kΩ
resistor to generate ISET. When a portion of VOUT is applied to
VSET, the feedback loop forces
−ID × log10(VIN/VINTERCEPT) = ISET
(2)
If VSET = VOUT/X, ISET = VOUT/(X × 3.13 kΩ). The result is VOUT =
(−ID × 3.13 kΩ × X) × log10(VIN/VINTERCEPT).
Figure 28. VSET Interface
The slope is given by −ID × X × 3.13 kΩ = −500 mV × X. For
example, if a resistor divider to ground is used to generate a VSET
voltage of VOUT/2, X = 2. The slope is set to −1 V/decade or −50
mV/dB.
TEMPERATURE COMPENSATION OF OUTPUT
VOLTAGE
The AD8318 functionality includes the capability to externally trim
the temperature drift. Attaching a ground-referenced resistor to the
TADJ pin alters an internal current, minimizing intercept drift vs.
temperature. As a result, the RTADJ can be optimized for operation
at different frequencies.
Figure 29. TADJ Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com