Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8318ACPZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8318ACPZ-R2
Description  1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318ACPZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8318ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 15Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Data Sheet
AD8318
USING THE AD8318
analog.com
Rev. E | 12 of 24
BASIC CONNECTIONS
The AD8318 is specified for operation up to 8 GHz. As a result, low
impedance supply pins with adequate isolation between functions
are essential. In the AD8318, VPSI and VPSO, the two positive
supply pins, must be connected to the same positive potential.
The VPSI pin biases the input circuitry, while the VPSO pin biases
the low noise output driver for VOUT. Separate commons are also
included in the device. CMOP is used as the common for the output
drivers. Connect Pin CMIP and Pin CMOP to a low impedance
ground plane.
Apply a power supply voltage of between 4.5 V and 5.5 V to
VPSO and VPSI. In addition, 100 pF and 0.1 μF power supply
decoupling capacitors connect close to each power supply pin. The
two adjacent VPSI pins can share a pair of decoupling capacitors
due to their proximity.
Figure 23. Basic Connections
The paddle of the AD8318 LFCSP is internally connected to CMIP.
For optimum thermal and electrical performance, solder the paddle
to a low impedance ground plane.
ENABLE INTERFACE
To enable the AD8318, the ENBL pin must be pulled high. Taking
ENBL low puts the AD8318 in sleep mode, reducing current con-
sumption to 260 µA at ambient. The voltage on ENBL must be
greater than 2 VBE (~1.7 V) to enable the device. When enabled,
the ENBL pin draws less than 1 µA. When ENBL is pulled low, the
pin sources 15 µA.
The enable interface has high input impedance. An internal 200 Ω
resistor is placed in series with the ENBL input for added protection.
Figure 24 depicts a simplified schematic of the enable interface.
The response time of the AD8318 ENBL interface is shown in
Figure 25.
Figure 24. ENBL Interface
Figure 25. ENBL Response Time; VPOS = 5.0 V; Input AC-Coupling Caps = 18
pF; CLPF = Open
INPUT SIGNAL COUPLING
The RF input to the AD8318 (INHI) is single ended and must be
ac-coupled. INLO (input common) must be ac-coupled to ground
(see Figure 23). Suggested coupling capacitors are 1 nF ceramic,
0402-style capacitors for input frequencies of 1 MHz to 8 GHz. The
coupling capacitors must be mounted close to the INHI pin and the
INLO pin. These capacitor values can be increased to lower the
input stage high-pass cutoff frequency. The high-pass corner is set
by the input coupling capacitors and the internal 10 pF capacitor.
The dc voltage on INHI and INLO is approximately one diode
voltage drop below the voltage applied to the VPSI pin.
The Smith Chart in Figure 16 shows the AD8318 input impedance
vs. frequency. Table 4 lists the reflection coefficient and impedance
at select frequencies. For Figure 16 and Table 4, the 52.3 Ω input
termination resistor is removed. At dc, the resistance is typically 2
kΩ. At frequencies up to 1 GHz, the impedance is approximated
as 1000 Ω||0.7 pF. The RF input pins are coupled to a network as
shown in the simplified schematic in Figure 26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com