Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8318ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8318ACPZ-R2
Description  1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD8318ACPZ-R2 Datasheet HTML 1Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 2Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 3Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 4Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 5Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 6Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Data Sheet
AD8318
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
Rev. E
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Wide bandwidth: 1 MHz to 8 GHz
►
High accuracy: ±1.0 dB over 55 dB range (f < 5.8 GHz)
►
Stability over temperature: ±0.5 dB
►
Low noise measurement/controller output (VOUT)
►
Pulse response time: 10 ns/12 ns (fall/rise)
►
Integrated temperature sensor
►
Small footprint LFCSP
►
Power-down feature: <1.5 mW at 5 V
►
Single-supply operation: 5 V at 68 mA
►
Fabricated using high speed SiGe process
APPLICATIONS
►
RF transmitter PA setpoint control and level monitoring
►
RSSI measurement in base stations, WLAN, WiMAX, and radars
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The AD8318 is a demodulating logarithmic amplifier, capable of
accurately converting an RF input signal to a corresponding deci-
bel-scaled output voltage. It employs the progressive compression
technique over a cascaded amplifier chain, each stage of which is
equipped with a detector cell. The device is used in measurement
or controller mode. The AD8318 maintains accurate log conform-
ance for signals of 1 MHz to 6 GHz and provides useful operation
to 8 GHz. The input range is typically 60 dB (referenced to 50 Ω)
with error less than ±1 dB. The AD8318 has a 10 ns response
time that enables RF burst detection to beyond 45 MHz. The
device provides unprecedented logarithmic intercept stability vs.
ambient temperature conditions. A 2 mV/°C slope temperature
sensor output is also provided for additional system monitoring. A
single supply of 5 V is required. Current consumption is typically 68
mA. Power consumption decreases to <1.5 mW when the device is
disabled.
The AD8318 can be configured to provide a control voltage to a
VGA, such as a power amplifier or a measurement output, from Pin
VOUT. Because the output can be used for controller applications,
wideband noise is minimal.
In this mode, the setpoint control voltage is applied to VSET.
The feedback loop through an RF amplifier is closed via VOUT,
the output of which regulates the amplifier output to a magnitude
corresponding to VSET. The AD8318 provides 0 V to 4.9 V output
capability at the VOUT pin, suitable for controller applications. As a
measurement device, Pin VOUT is externally connected to VSET to
produce an output voltage, VOUT, which is a decreasing linear-in-dB
function of the RF input signal amplitude.
The logarithmic slope is nominally -25 mV/dB but can be adjusted
by scaling the feedback voltage from VOUT to the VSET interface.
The intercept is 20 dBm (referenced to 50 Ω, CW input) using the
INHI input. These parameters are very stable against supply and
temperature variations.
The AD8318 is fabricated on a SiGe bipolar IC process and is
available in a 4 mm × 4 mm, 16-lead LFCSP for the operating
temperature range of –40oC to +85oC.
Figure 2. Typical Logarithmic Response and Error vs. Input Amplitude at 5.8
GHz


Similar Part No. - AD8318ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318ACPZ-R2 AD-AD8318ACPZ-R2 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
AD8318ACPZ-R2 AD-AD8318ACPZ-R2 Datasheet
2Mb / 24P
Logarithmic Detector/Controller
Dec-2017
More results

Similar Description - AD8318ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318 AD-AD8318 Datasheet
2Mb / 24P
1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
7/04-Revision 0
AD8313 AD-AD8313_04 Datasheet
720Kb / 24P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
6/04-Data Sheet Changed from Rev. C to Rev. D
AD8318 AD-AD8318_06 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
1/06-Rev. 0 to Rev. A
logo
Hittite Microwave Corpo...
HMC602LP4 HITTITE-HMC602LP4 Datasheet
626Kb / 10P
70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
logo
Analog Devices
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
logo
Hittite Microwave Corpo...
HMC602LP4 HITTITE-HMC602LP4_09 Datasheet
364Kb / 8P
70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
logo
Analog Devices
AD8313 AD-AD8313_15 Datasheet
721Kb / 24P
0.1 GHz to 2.5 GHz 70 dB Logarithmic Detector/Controller
REV. D
AD8318-EP AD-AD8318-EP_15 Datasheet
435Kb / 12P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318_15 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com