Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8318ACPZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8318ACPZ-R2
Description  1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318ACPZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8318ACPZ-R2 Datasheet HTML 7Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 8Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 9Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 10Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 11Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 12Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 13Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 14Page - Analog Devices AD8318ACPZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD8318
THEORY OF OPERATION
analog.com
Rev. E | 11 of 24
The AD8318 is a 9-stage demodulating logarithmic amplifier that
provides RF measurement and power amplifier control functions.
The design of the AD8318 is similar to the AD8313 logarithmic
detector/controller. However, the AD8318 input frequency range
extends to 8 GHz with a 60 dB dynamic range. Other improvements
include: reduced intercept variability vs. temperature, increased
dynamic range at higher frequencies, low noise measurement and
controller output (VOUT), adjustable low-pass corner frequency
(CLPF), temperature sensor output (TEMP), negative transfer func-
tion slope for higher accuracy, and 10 ns response time for RF
burst detection capability. A block diagram is shown in Figure 22.
Figure 22. Block Diagram
A fully differential design, using a proprietary high speed SiGe
process, extends high frequency performance. Input INHI receives
the signal with a low frequency impedance of nominally 1200
Ω in parallel with 0.7 pF. The maximum input with ±1 dB log
conformance error is typically 0 dBm (referenced to 50 Ω). The
noise spectral density referred to the input is 1.15 nV/√Hz, which is
equivalent to a voltage of 118 μV rms in a 10.5 GHz bandwidth, or
a noise power of −66 dBm (referenced to 50 Ω). This noise spectral
density sets the lower limit of the dynamic range. However, the
low end accuracy of the AD8318 is enhanced by specially shaping
the demodulating transfer characteristic to partially compensate for
errors due to internal noise.
CMIP, the input system common pin, provides a quality low impe-
dance connection to the printed circuit board (PCB) ground via four
package pins. Ground the package paddle, which is internally con-
nected to the CMIP pin, to the PCB to reduce thermal impedance
from the die to the PCB.
The logarithmic function is approximated in a piecewise fashion by
nine cascaded gain stages. For a more complete explanation of the
logarithm approximation, refer to the AD8307 data sheet. The cells
have a nominal voltage gain of 8.7 dB each and a 3 dB bandwidth
of 10.5 GHz.
Using precision biasing, the gain is stabilized over temperature
and supply variations. Because the cascaded gain stages are
dc‑coupled, the overall dc gain is high. An offset compensation
loop is included to correct for offsets within the cascaded cells.
At the output of each of the gain stages, a square-law detector
cell rectifies the signal. The RF signal voltages are converted to a
fluctuating differential current with an average value that increases
with signal level. Along with the nine gain stages and detector
cells, an additional detector is included at the input of the AD8318,
altogether providing a 60 dB dynamic range. After the detector
currents are summed and filtered, the function
ID × log10(VIN/VINTERCEPT)
(1)
is formed at the summing node,
where:
ID is the internally set detector current.
VIN is the input signal voltage.
VINTERCEPT is the intercept voltage (that is, when VIN = VINTERCEPT,
the output voltage would be 0 V if capable of going to 0 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com