Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513ACPZ-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5513ACPZ-R2
Description  1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513ACPZ-R2 Datasheet(HTML) 5 Page - Analog Devices

  ADL5513ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Data Sheet
ADL5513
SPECIFICATIONS
analog.com
Rev. B | 5 of 25
Table 1. (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
−40°C < TA < +25°C; PIN = −50 dBm
+0.1/−0.94
dB
25°C < TA < 125°C; PIN = −50 dBm
+0.8/−0.2
dB
Logarithmic Slope
21
mV/dB
Logarithmic Intercept
−89
dBm
Input Impedance
0.5/0.5
kΩ/pF
FREQUENCY = 2600 MHz
Output Voltage: High Power Input
PIN = −10 dBm
1.67
V
Output Voltage: Low Power Input
PIN = −50 dBm
0.83
V
±3.0 dB Dynamic Range
80
dB
±1.0 dB Dynamic Range
74
dB
±0.5 dB Dynamic Range
69
dB
Maximum Input Level, ±1.0 dB
7
dBm
Minimum Input Level, ±1.0 dB
−67
dBm
Deviation at TA = 25°C
PIN = −10 dBm
0.33
dB
PIN = −30 dBm
0.02
dB
PIN = −50 dBm
0.01
dB
Deviation vs. Temperature
Deviation from output at TA = 25°C
25°C < TA < 85°C; PIN = −10 dBm
+0.2/−0.4
dB
−40°C < TA < +25°C; PIN = −10 dBm
+0.05/−0.68
dB
25°C < TA < 125°C; PIN = −10 dBm
+0.75/−0.05
dB
25°C < TA < 85°C; PIN = −30 dBm
+0.1/−0.37
dB
−40°C < TA < +25°C; PIN = −30 dBm
+0.25/−0.4
dB
25°C < TA < 125°C; PIN = −30 dBm
0.8
dB
25°C < TA < 85°C; PIN = −50 dBm
+0.2/−0.6
dB
−40°C < TA < +25°C; PIN = −50 dBm
±0.5
dB
25°C < TA < 125°C; PIN = −50 dBm
1.13
dB
Logarithmic Slope
21
mV/dB
Logarithmic Intercept
−89
dBm
Input Impedance
0.4/0.6
kΩ/pF
FREQUENCY = 3.6 GHz
Output Voltage: High Power Input
PIN = −10 dBm
1.74
V
Output Voltage: Low Power Input
PIN = −50 dBm
0.84
V
±3.0 dB Dynamic Range
76
dB
±1.0 dB Dynamic Range
62
dB
±0.5 dB Dynamic Range
58
dB
Maximum Input Level, ±1.0 dB
1
dBm
Minimum Input Level, ±1.0 dB
−61
dBm
Deviation at TA = 25°C
PIN = −10 dBm
0.43
dB
PIN = −30 dBm
−0.05
dB
PIN = −50 dBm
−0.14
dB
Deviation vs. Temperature
Deviation from output at TA = 25°C
25°C < TA < 85°C; PIN = −10 dBm
+0.32/−0.28
dB
−40°C < TA < +25°C; PIN = −10 dBm
+0.27/−0.54
dB
25°C < TA < 125°C; PIN = −10 dBm
+0.58/−0.21
dB
25°C < TA < 85°C; PIN = −30 dBm
+0.3/−0.22
dB
−40°C < TA < +25°C; PIN = −30 dBm
+0.38/−0.33
dB
25°C < TA < 125°C; PIN = −30 dBm
+0.67/−0.05
dB
25°C < TA < 85°C; PIN = −50 dBm
+0.41/−0.37
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com