Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513ACPZ-R2 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL5513ACPZ-R2
Description  1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513ACPZ-R2 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL5513ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Data Sheet
ADL5513
APPLICATIONS INFORMATION
analog.com
Rev. B | 20 of 25
amplifiers (VGAs), or variable voltage attenuators (VVAs), which
have output power that increases monotonically with respect to
their gain control signal.
To operate in controller mode, the link between VSET and VOUT
is broken. A setpoint voltage is applied to the VSET input, VOUT
is connected to the gain control terminal of the VGA, and the RF
input of the detector is connected to the output of the VGA (usually
using a directional coupler and some additional attenuation). Based
on the defined relationship between VOUT and the RF input signal
when the device is in measurement mode, the ADL5513 adjusts
the voltage on VOUT (VOUT is now an error amplifier output)
until the level at the RF input corresponds to the applied VSET.
When the ADL5513 operates in controller mode, there is no defined
relationship between the VSET and the VOUT voltage; VOUT settles
to a value that results in the correct input signal level appearing at
INHI/INLO.
For this output power control loop to be stable, a ground-referenced
capacitor must be connected to the CLPF pin. This capacitor, CFLT,
integrates the error signal (in the form of a current) to set the loop
bandwidth and ensure loop stability. Further details on control loop
dynamics can be found in the AD8315 data sheet.
Figure 42. Controller Mode
CONSTANT POWER OPERATION
In controller mode, the ADL5513 can be used to hold the output
power stable over a broad temperature/input power range. This can
be useful in topologies where a transmit card is driving an HPA
or when connecting power-sensitive modules together. Figure 44
shows a schematic of a circuit setup that holds the output power to
approximately −39 dBm at 900 MHz when the input power is varied
over a 62 dB dynamic range. Figure 43 shows the performance
results. A portion of the output power is coupled to the input of
ADL5513 using a 20 dB coupler. The VSET voltage is set to 0.65
V, which forces the ADL5513 output voltage to control the ADL5330
to deliver −59 dBm. (If the ADL5513 is in measurement mode
and a −59 dBm input power is applied, the output voltage is 0.65
V). A generic op amp is used (AD8062) to invert the slope of
the ADL5513 so that the gain of the ADL5330 decreases as the
ADL5513 control voltage increases. The high end power is limited
by the maximum gain of the ADL5330 and can increase if VSET is
moved so that the ADL5513 has a higher power on its input and a
VGA with higher linearity is used. The low power is limited by the
sensitivity of the ADL5513 and can be increased with a reduction in
the coupling value of the coupler.
Figure 43. Performance of ADL5330/ADL5513 Constant Power Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com