Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513ACPZ-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # ADL5513ACPZ-R2
Description  1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513ACPZ-R2 Datasheet(HTML) 2 Page - Analog Devices

  ADL5513ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Data Sheet
ADL5513
TABLE OF CONTENTS
analog.com
Rev. B | 2 of 25
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Specifications........................................................ 3
Absolute Maximum Ratings...................................7
ESD Caution.......................................................7
Pin Configuration and Function Descriptions........ 8
Typical Performance Characteristics..................... 9
Theory of Operation.............................................13
Applications Information...................................... 14
Basic Connections............................................14
Input Signal Coupling....................................... 14
Output Filtering.................................................14
Output Interface................................................14
Setpoint Interface............................................. 15
Description of Characterization........................ 15
Error Calculations.............................................15
Adjusting Accuracy Through Choice of
Calibration Points........................................... 16
Temperature Compensation of Output
Voltage........................................................... 17
Device Calibration............................................ 18
Power-Down Functionality................................18
Measurement Mode......................................... 18
Setting the Output Slope in Measurement
Mode.............................................................. 19
Controller Mode................................................19
Constant Power Operation............................... 20
Increasing the Dynamic Range of the
ADL5513........................................................ 22
Evaluation Board................................................. 23
Outline Dimensions............................................. 25
Ordering Guide.................................................25
Evaluation Boards............................................ 25
REVISION HISTORY
7/2023—Rev. A to Rev. B
Changes to Current Source/Sink Parameter and Fall Time Parameter, Table 1............................................. 3
Changes to Table 3..........................................................................................................................................8
Change to Figure 21 Caption.........................................................................................................................12
Change to Output Filtering Section................................................................................................................14
Change to Setpoint Interface Section............................................................................................................ 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com