Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5513ACPZ-R2
Description  1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADL5513ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Data Sheet
ADL5513
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Rev. B
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Wide bandwidth: 1 MHz to 4 GHz
►
80 dB dynamic range (±3 dB)
►
Constant dynamic range over frequency
►
Stability over −40°C to +85°C temperature range: ±0.5 dB
►
Operating temperature range: −40°C to +125°C
►
Sensitivity: −70 dBm
►
Low noise measurement/controller output (VOUT)
►
Pulse response time: 21 ns/20 ns (fall/rise)
►
Single-supply operation: 2.7 V to 5.5 V at 31 mA
►
Power-down feature: 1 mW at 5 V
►
Small footprint LFCSP
►
Fabricated using high speed SiGe process
APPLICATIONS
►
RF transmitter power amplifier linearization and gain/power con-
trol
►
Power monitoring in radio link transmitters
►
RSSI measurement in base stations, WLAN, WiMAX, RADAR
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADL5513 is a demodulating logarithmic amplifier, capable
of accurately converting an RF input signal to a corresponding
decibel-scaled output. It employs the progressive compression
technique over a cascaded amplifier chain, each stage of which
is equipped with a detector cell. The device can be used in either
measurement or controller modes. The ADL5513 maintains accu-
rate log conformance for signals up to 4 GHz. The input dynamic
range is typically 80 dB (referred to 50 Ω) with error less than ±3
dB and 74 dB with error less than ±1 dB. The ADL5513 has 20
ns response time that enables RF burst detection to a pulse rate
of beyond 50 MHz. The device provides unprecedented logarithmic
intercept stability vs. ambient temperature conditions. A supply of
2.7 V to 5.5 V is required to power the device. Current consumption
is 31 mA, and it decreases to 200 μA when the device is disabled.
The ADL5513 can be configured to provide a control voltage to
a power amplifier or a measurement output from the VOUT pin.
Because the output can be used for controller applications, special
attention has been paid to minimize wideband noise. In this mode,
the setpoint control voltage is applied to the VSET pin.
The feedback loop through an RF amplifier is closed via VOUT,
the output of which regulates the amplifier output to a magnitude
corresponding to VSET. The ADL5513 provides 0 V to (VPOS −
0.1 V) output capability at the VOUT pin, suitable for controller
applications. As a measurement device, VOUT is externally con-
nected to VSET to produce an output voltage, VOUT, that increases
linear-in-dB with RF input signal amplitude.
The logarithmic slope is 21 mV/dB, determined by the VSET inter-
face. The intercept is −88 dBm (referred to 50 Ω, continuous wave
input, 900 MHz) using the INHI input. These parameters are very
stable against supply and temperature variations.
The ADL5513 is fabricated on a SiGe bipolar IC process and is
available in a 3 mm × 3 mm, 16-lead LFCSP package for the
−40°C to +125°C operating temperature range. A fully populated
evaluation board is available.


Similar Part No. - ADL5513ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5513ACPZ-R2 AD-ADL5513ACPZ-R2 Datasheet
1Mb / 28P
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
ADL5513ACPZ-R2 AD-ADL5513ACPZ-R2 Datasheet
1Mb / 25P
Logarithmic Detector/Controller
8/2017-Rev. 0 to Rev. A
More results

Similar Description - ADL5513ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8318 AD-AD8318 Datasheet
2Mb / 24P
1 MHz - 8 GHz, 60 dB Logarithmic Detector/Controller
7/04-Revision 0
AD8318 AD-AD8318_06 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 60 dB Logarithmic Detector/Controller
1/06-Rev. 0 to Rev. A
logo
Hittite Microwave Corpo...
HMC611LP4 HITTITE-HMC611LP4 Datasheet
666Kb / 10P
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
logo
Analog Devices
AD8318 AD-AD8318_07 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
logo
Hittite Microwave Corpo...
HMC611 HITTITE-HMC611 Datasheet
515Kb / 10P
60 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 10000 MHz
logo
Analog Devices
ADL5513 AD-ADL5513 Datasheet
1Mb / 12P
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
Rev. PrA 6/08
ADL5513 AD-ADL5513_08 Datasheet
1Mb / 28P
1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
REV. 0
logo
Hittite Microwave Corpo...
HMC602LP4 HITTITE-HMC602LP4_09 Datasheet
364Kb / 8P
70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
logo
Analog Devices
AD8318-EP AD-AD8318-EP_15 Datasheet
435Kb / 12P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. 0
AD8318 AD-AD8318_15 Datasheet
1Mb / 24P
1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com