Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513ACPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5513ACPZ-R2
Description  1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513ACPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5513ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Data Sheet
ADL5513
APPLICATIONS INFORMATION
analog.com
Rev. B | 15 of 25
the pull-down resistance at VOUT. There is an internal pull-down
resistor of 1.6 kΩ. A resistive load at VOUT is placed in parallel
with the internal pull-down resistor to provide additional discharge
current.
Figure 28. Output Interface
The ADL5513 output can drive over 1 nF of capacitance. When
driving such high output capacitive loads, it is required to capaci-
tively load the CLPF pin. The capacitance on the CLPF pin should
be at least 1/50th that of the capacitance on the VOUT pin.
SETPOINT INTERFACE
The VSET input drives the high impedance (40 kΩ) input of an
internal op amp. The VSET voltage appears across the internal 3.5
kΩ resistor to generate ISET. When a portion of VOUT is applied to
VSET, the feedback loop forces
ID × log10(VIN/VINTERCEPT) = ISET
(3)
If VSET = VOUT/2x, ISET = VOUT/(2x × 3.5 kΩ).
The result is VOUT = (ID × 3.5 kΩ × 2x) × log10(VIN/VINTERCEPT).
Figure 29. VSET Interface
The slope is given by ID × 2x × 3.5 kΩ = 20 mV/dB × x. For
example, if a resistor divider to ground is used to generate a
VSET voltage of VOUT/2, then x = 2. The slope is set to 800 mV/
decade or 40 mV/dB. See the Measurement Mode section for more
information on setting the slope in measurement mode.
DESCRIPTION OF CHARACTERIZATION
The general hardware configuration used for most of the ADL5513
characterization is shown in Figure 30. The signal source and
power supply used in this example are the Agilent E8251A PSG
signal generator and E3631A triple output power supply. Output
voltage was measured using the Agilent 34980A switch box.
Figure 30. General Characterization Configuration
ERROR CALCULATIONS
The measured transfer function of the ADL5513 at 100 MHz is
shown in Figure 31. The figure shows plots of measured output
voltage, calculated error, and an ideal line. The input power and
output voltage are used to calculate the slope and intercept values.
The slope and intercept are calculated using linear regression over
the input range from −40 dBm to −20 dBm. The slope and intercept
terms are used to generate an ideal line. The error is the difference
in measured output voltage compared to the ideal output line.
Figure 31. Typical Output Voltage vs. Input Signal
The equation for output voltage can be written as
VOUT = Slope × (PIN − Intercept)
(4)
where:
Slope is the change in output voltage divided by the change in input
power, PIN. Slope is expressed in volts per decibel (V/dB).
Intercept is the calculated power in decibels (dB) at which the
output voltage is 0 V. Note that VOUT = 0 V can never be achieved.
Calibration is performed by applying two known signal levels to the
ADL5513 and measuring the corresponding voltage outputs. The
calibration points are in general chosen to be within the linear-in-dB
range of the device.
Calculation of the slope and intercept are accomplished by using
the following equations:
Slope=VOUTMEASURED1−VOUTMEASURED2
PIN1−PIN2
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com