Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513ACPZ-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5513ACPZ-R2
Description  1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513ACPZ-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5513ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Data Sheet
ADL5513
APPLICATIONS INFORMATION
analog.com
Rev. B | 14 of 25
BASIC CONNECTIONS
The ADL5513 is specified for operation up to 4 GHz; as a result,
low impedance supply pins with adequate isolation between func-
tions are essential. A power supply voltage of between 2.7 V and
5.5 V should be applied to VPOS. Connect 100 pF and 0.1 µF
power supply decoupling capacitors close to this power supply pin.
Figure 25. Basic Connections
The exposed paddle of the LFCSP package is internally connected
to COMM. For optimum thermal and electrical performance, solder
the paddle to a low impedance ground plane.
INPUT SIGNAL COUPLING
The RF input (INHI) is single-ended and must be ac-coupled. INLO
(input common) should be ac-coupled to ground. Suggested cou-
pling capacitors are 47 nF, ceramic, 0402-style capacitors for input
frequencies of 1 MHz to 4 GHz. The coupling capacitors should be
mounted close to the INHI and INLO pins. The coupling capacitor
values can be increased to lower the high-pass cutoff frequency of
the input stage. The high-pass corner is set by the input coupling
capacitors and the internal 20 pF high-pass capacitor. The dc
voltage on INHI and INLO is about one diode voltage drop below
VPOS.
Figure 26. Input Interface
While the input can be reactively matched, in general, this is not
necessary. An external 52.3 Ω shunt resistor (connected to the
signal side of the input coupling capacitors, as shown in Figure 25)
combines with relatively high input impedance to give an adequate
broadband 50 Ω match.
The coupling time constant, 50 × CC/2, forms a high-pass corner
with a 3 dB attenuation at fHP = 1/(2π × 50 × CC ), where C1 =
C2 = CC. Using the typical value of 47 nF, this high-pass corner
is ~68 kHz. In high frequency applications, fHP should be as large
as possible to minimize the coupling of unwanted low frequency
signals. In low frequency applications, a simple RC network forming
a low-pass filter should be added at the input for similar reasons.
This low-pass filter network should generally be placed at the
generator side of the coupling capacitors, thereby lowering the
required capacitance value for a given high-pass corner frequency.
OUTPUT FILTERING
For applications in which maximum video bandwidth and, conse-
quently, fast rise time are desired, it is essential that the CLPF pin
be left unconnected and free of any stray capacitance.
The output video bandwidth, which is 10 MHz, can be reduced by
connecting a ground-referenced capacitor (CFLT) to the CLPF pin,
as shown in Figure 27. This is generally done to reduce output
ripple (at twice the input frequency for a symmetricinput waveform
such as sinusoidal signals).
Figure 27. Lowering the Postdemodulation Bandwidth
CFLT is selected by
CFLT= 1
2π×1 kΩ×Video
 Bandwidtℎ
−3.0 pF (2)
The video bandwidth should typically be set to a frequency equal to
about one-tenth the minimum input frequency. This ensures that the
output ripple of the demodulated log output, which is at twice the
input frequency, is well filtered.
In many log amp applications, it may be necessary to lower the
corner frequency of the postdemodulation filter to achieve low
output ripple while maintaining a rapid response time to changes in
signal level. An example of a four-pole active filter is shown in the
AD8307 data sheet. Averaging the output measurement can also
be done when filtering is not possible.
OUTPUT INTERFACE
The VOUT pin is driven by a PNP output stage. An internal 10 Ω
resistor is placed in series with the output and the VOUT pin. The
rise time of the output is limited mainly by the slew on CLPF. The
fall time is an RC-limited slew given by the load capacitance and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com