Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513ACPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL5513ACPZ-R2
Description  1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513ACPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL5513ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Data Sheet
ADL5513
APPLICATIONS INFORMATION
analog.com
Rev. B | 18 of 25
Figure 36. VOUT vs. TADJ at 85°C, 1900 MHz
Figure 37 shows the results of sweeping VTADJ over multiple tem-
peratures while holding PIN constant. The same VTADJ should be
used for the full dynamic range for a specified supply operation.
DEVICE CALIBRATION
VTADJ voltages in Table 4 are chosen so that the error is at its
minimum at 85°C. Criteria for the choice of VTADJ is unique for a
given application. Figure 37 shows how error on a typical device
changes at INHI = −30 dBm when VTADJ is swept at different
temperatures. If the ADL5513 must have minimum error at a certain
temperature, then VTADJ should be chosen such that the line for
that temperature intersects the 25°C line. At this VTADJ setting, the
error at all other temperatures is not the minimum. If the deviation
of error over temperature is more important than the error at a
single temperature, VTADJ should be determined by the intersection
of the lines for the temperatures of interest. For the characterization
data presented, VTADJ values were chosen so that ADL5513 has
a minimum error at 85°C, which is at the intersection of the lines
for 85°C and 25°C. For example, at 1900 MHz, VTADJ = 0.8 V. If a
given application requires error deviation to be at a minimum when
the temperature changes from −40°C to 85°C, VTADJ is determined
by the intersection of the error line for those temperatures.
Figure 37. Error vs. VTADJ, PIN = −30 dBm at 1900 MHz
It is important that temperature adjustment be performed on multi-
ple devices.
POWER-DOWN FUNCTIONALITY
Power-down functionality of ADL5513 is achieved through external-
ly applied voltage on the TADJ pin. If VTADJ = VPOS − 0.3 V, the
output voltage and supply current are close to 0.
Figure 38. VOUT vs. VTADJ at 100 MHz, VPOS = 5 V
Figure 39. Sleep Current vs. VTADJ, VPOS = 5 V
MEASUREMENT MODE
When the VOUT voltage or a portion of the VOUT voltage is fed back
to the VSET pin, the device operates in measurement mode. As
shown in Figure 40, the ADL5513 has an offset voltage, a positive
slope, and a VOUT measurement intercept at the low end of its input
signal range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com