Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513ACPZ-R2 Datasheet(PDF) 23 Page - Analog Devices

Part # ADL5513ACPZ-R2
Description  1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513ACPZ-R2 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADL5513ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Data Sheet
ADL5513
EVALUATION BOARD
analog.com
Rev. B | 23 of 25
Figure 47. Evaluation Board Schematic
Figure 48. Component Side Layout
Figure 49. Component Side Silkscreen
Table 5. Evaluation Board Configuration Options
Component
Function
Default Value
C1, C2, R1
Input interface. The 52.3 Ω resistor in Position R1 combines with the internal input impedance of the
ADL5513 to give a broadband input impedance of about 50 Ω. C1 and C2 are dc-blocking capacitors.
A reactive impedance match can be implemented by replacing R1 with an inductor and C1 and C2 with
appropriately valued capacitors.
R1 = 52.3 Ω (Size 0402)
C1 = 47 nF (Size 0402)
C2 = 47 nF (Size 0402)
C3, C4, C5, C6, R11, R12
Power supply decoupling. The nominal supply decoupling consists of a 100 pF filter capacitor placed
physically close to the ADL5513 and a 0.1 µF capacitor placed nearer to the power supply input pin. If
additional isolation from the power supply is required, a small resistance (R11 or R12) can be installed
between the power supply and the ADL5513.
C3 = 0.1 µF (Size 0402)
C4 = 100 pF (Size 0402)
C5 = 100 pF (Size 0402)
C6 = 0.1 µF (Size 0402)
R11 = 0 Ω (Size 0402)
R12 = 0 Ω (Size 0402)
C7
Filter capacitor.The low-pass corner frequency of the circuit that drives the VOUT pin can be lowered
by placing a capacitor between CLPF and ground. Increasing this capacitor increases the overall
rise/fall time of the ADL5513 for pulsed input signals.
C7 = 1000 pF (Size 0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com