Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513ACPZ-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # ADL5513ACPZ-R2
Description  1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513ACPZ-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADL5513ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 23Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 24Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Data Sheet
ADL5513
EVALUATION BOARD
analog.com
Rev. B | 24 of 25
Table 5. Evaluation Board Configuration Options (Continued)
Component
Function
Default Value
R2, R3 R4, R5, R10, RL, CL
Output interface—measurement mode. In measurement mode, a portion of the output voltage is fed
back to the VSET pin via R4. The magnitude of the slope of the VOUT output voltage response
can be increased by reducing the portion of VOUT that is fed back to VSET. R3 can be used as a
back-terminating resistor or as part of a single-pole, low-pass filter. If a reduction in slope is desired, a
voltage divider can be installed at the output using R3 and RL.
R2 = open (Size 0402)
R3 = 1 kΩ (Size 0402)
R4 = 0 Ω (Size 0402)
R5 = open (Size 0402)
R10 = open (Size 0402)
RL = CL = open (Size 0402)
Output interface—controller mode. In controller mode, the ADL5513 can control the gain of an external
component. To allow for this, remove the R4 resistor. A setpoint voltage is applied to Pin VSET. The
value of this setpoint voltage corresponds to the desired RF input signal level applied to the ADL5513
RF input. A sample of the RF output signal from this variable gain component is applied to the
ADL5513 input by a directional coupler. The voltage at the VOUT pin is applied to the gain control of
the variable gain element. The magnitude of the control voltage can optionally be reduced via a voltage
divider comprising R3 and RL, or a low-pass filter can be installed using R3 and CL.
R2 = open (Size 0402)
R3 = 1 kΩ (Size 0402)
R4 = open (Size 0402)
R5 = open (Size 0402)
R10 = 0 Ω (Size 0402)
RL = CL = open (Size 0402)
R6, R7, R8, R9
Temperature compensation interface.A voltage source can be used to optimize the temperature
performance for various input frequencies. The pads for R8 and R9 can be used for a voltage divider
from the VPOS node to set the TADJ voltage at different frequencies. The ADL5513 can be disabled by
applying a voltage of VPOS − 0.3 V to this node.
R6 = open (Size 0402)
R7 = 0 Ω (Size 0402)
R8 = open (Size 0402)
R9 = open Ω (Size 0402)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com