Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513ACPZ-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL5513ACPZ-R2
Description  1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513ACPZ-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL5513ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 20Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 21Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 22Page - Analog Devices ADL5513ACPZ-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Data Sheet
ADL5513
APPLICATIONS INFORMATION
analog.com
Rev. B | 19 of 25
Figure 40. Typical Output Voltage vs. Input Signal
The output voltage vs. input signal voltage of the ADL5513 is linear-
in-dB over a multidecade range. The equation for this function is
VOUT=X×VSLOPE/DEC×log10VINVINTERCEPT =
X×VSLOPE/dB×20×log10VINVINTERCEPT
(9)
where:
X is the feedback factor in VSET = VOUT/X.
VSLOPE/DEC is nominally 400 mV/decade or 20 mV/dB.
VINTERCEPT is the x-axis intercept of the linear-in-dB portion of the
VOUT vs. PIN curve (see Figure 40).
VINTERCEPT is −100 dBV for a sinusoidal input signal.
An offset voltage, VOFFSET, of 0.47 V is internally added to the
detector signal, so that the minimum value for VOUT is X × VOFFSET;
therefore, for X = 1, the minimum VOUT is 0.47 V.
The slope is very stable vs. process and temperature variation.
When Base 10 logarithms are used, VSLOPE/DEC represents the
volts per decade. A decade corresponds to 20 dB; VSLOPE/DEC/20 =
VSLOPE/dB represents the slope in volts per decibel (V/dB).
As shown in Figure 40, VOUT voltage has a positive slope.
Although demodulating log amps respond to input signal voltage,
not input signal power, it is customary to discuss the amplitude
of high frequency signals in terms of power. In this case, the
characteristic impedance of the system, Z0, must be known to
convert voltages to their corresponding power levels. The following
equations are used to perform this conversion:
P(dBm) = 10 × log10(Vrms2/(Z0 × 1 mW))
(10)
P(dBV) = 20 × log10(Vrms/1 Vrms)
(11)
P(dBm) = P(dBV) − 10 × log10(Z0 × 1 mW/1 Vrms2)
(12)
For example, PINTERCEPT for a sinusoidal input signal expressed in
terms of decibels referred to 1 mW (dBm) in a 50 Ω system is
PINTERCEPTdBm =
PINTERCEPTdBV −10×log10Z0×1 mW/1Vrms2 =
‐100 dBV−10×log1050×10−3 =‐87 dBm
(13)
Further information on the intercept variation dependence upon
waveform can be found in the AD8313 and AD8307 data sheets.
SETTING THE OUTPUT SLOPE IN
MEASUREMENT MODE
To operate in measurement mode, VOUT is connected to VSET.
Connecting VOUT directly to VSET yields the nominal logarithmic
slope of approximately 20 mV/dB. The output swing corresponding
to the specified input range is then approximately 0.47 V to 2.0
V. The slope and output swing can be increased by placing a
resistor divider between VOUT and VSET (that is, one resistor from
VOUT to VSET and one resistor from VSET to ground). The input
impedance of VSET is approximately 40 kΩ. Slope-setting resistors
should be kept below 20 kΩ to prevent this input impedance from
affecting the resulting slope. If two equal resistors are used (for
example, 10 kΩ/10 kΩ), the slope doubles to approximately 40
mV/dB.
Figure 41. Increasing the Slope
The required resistor values needed to increase the slope are
calculated from the following equation.
R
1R2
+1=Slope2Slope1
(14)
where:
R1 is the resistor from VOUT to VSET.
R2 is the resistor from VSET to ground.
Slope1 is the nominal slope of the ADL5513.
Slope2 is the new slope.
It is important to remember when increasing the slope of the
ADL5513 that R1 and R2 must be properly sized so the output
current drive capability is not exceeded. The dynamic range of the
ADL5513 may be limited if the maximum output voltage is achieved
before the maximum input power is reached. In cases where VPOS
is 5 V, the maximum output voltage is 4.7 V.
The slope of the ADL5513 can be reduced by connecting VSET to
VOUT and adding a voltage divider on the output.
CONTROLLER MODE
The ADL5513 provides a controller mode feature at Pin VOUT.
Using VSET for the setpoint voltage, it is possible for the ADL5513 to
control subsystems, such as power amplifiers (PAs), variable gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com