Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK2 Datasheet(PDF) 145 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 145 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 141Page - STMicroelectronics ST72324BK2 Datasheet HTML 142Page - STMicroelectronics ST72324BK2 Datasheet HTML 143Page - STMicroelectronics ST72324BK2 Datasheet HTML 144Page - STMicroelectronics ST72324BK2 Datasheet HTML 145Page - STMicroelectronics ST72324BK2 Datasheet HTML 146Page - STMicroelectronics ST72324BK2 Datasheet HTML 147Page - STMicroelectronics ST72324BK2 Datasheet HTML 148Page - STMicroelectronics ST72324BK2 Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 188 page
background image
ST72324B
Electrical characteristics
145/188
12.6.3
Crystal and ceramic resonator oscillators
The ST7 internal clock can be supplied with four different crystal/ceramic resonator
oscillators. All the information given in this paragraph are based on characterization results
with specified typical external components. In the application, the resonator and the load
capacitors have to be placed as close as possible to the oscillator pins in order to minimize
output distortion and start-up stabilization time. Refer to the crystal/ceramic resonator
manufacturer for more details (frequency, package, accuracy...).
8/16 Kbyte Flash and ROM devices
Figure 66.
Typical application with a crystal or ceramic resonator (8/16 Kbyte Flash
and ROM devices)
Table 94.
Crystal and ceramic resonator oscillators (8/16K Flash and ROM devices)
Symbol
Parameter
Conditions
Min Typ Max Unit
fOSC
Oscillator frequency(1)
1.
The oscillator selection can be optimized in terms of supply current using an high quality resonator with
small RS value. Refer to crystal/ceramic resonator manufacturer for more details.
LP: low power oscillator
MP: medium power oscillator
MS: medium speed oscillator
HS: high speed oscillator
1
>2
>4
>8
2
4
8
16
MHz
RF
Feedback resistor(2)
2.
Data based on characterization results, not tested in production. The relatively low value of the RF resistor,
offers a good protection against issues resulting from use in a humid environment, due to the induced
leakage and the bias condition change. However, it is recommended to take this point into account if the
microcontroller is used in tough humidity conditions.
20
40
k
Ω
CL1
CL2
Recommended load capacitance
versus equivalent serial
resistance of the crystal or
ceramic resonator (RS)
(3)
3.
For CL1 and CL2 it is recommended to use high-quality ceramic capacitors in the 5pF to 25pF range (typ.)
designed for high-frequency applications and selected to match the requirements of the crystal or
resonator. CL1 and CL2, are usually the same size. The crystal manufacturer typically specifies a load
capacitance which is the series combination of CL1 and CL2. PCB and MCU pin capacitance must be
included when sizing CL1 and CL2 (10 pF can be used as a rough estimate of the combined pin and board
capacitance).
RS = 200Ω
LP oscillator
RS = 200Ω
MP oscillator
RS = 200Ω
MS oscillator
RS = 100Ω
HS oscillator
22
22
18
15
56
46
33
33
pF
i2
OSC2 driving current
VDD = 5V, VIN =VSS
LP oscillator
MP oscillator
MS oscillator
HS oscillator
80
160
310
610
150
250
460
910
µA
OSC2
OSC1
fOSC
CL1
CL2
i2
RF
ST72XXX
Resonator
When resonator with
integrated capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com