Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK2 Datasheet(PDF) 148 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 148 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 144Page - STMicroelectronics ST72324BK2 Datasheet HTML 145Page - STMicroelectronics ST72324BK2 Datasheet HTML 146Page - STMicroelectronics ST72324BK2 Datasheet HTML 147Page - STMicroelectronics ST72324BK2 Datasheet HTML 148Page - STMicroelectronics ST72324BK2 Datasheet HTML 149Page - STMicroelectronics ST72324BK2 Datasheet HTML 150Page - STMicroelectronics ST72324BK2 Datasheet HTML 151Page - STMicroelectronics ST72324BK2 Datasheet HTML 152Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 188 page
background image
Electrical characteristics
ST72324B
148/188
which is integrated over several CPU cycles. Therefore the longer the period of the
application signal, the less it will be impacted by the PLL jitter.
Figure 69 shows the PLL jitter integrated on application signals in the range 125 kHz to
2 MHz. At frequencies of less than 125 kHz, the jitter is negligible.
Figure 69.
Integrated PLL jitter vs signal frequency(1)
1.
Measurement conditions: fCPU = 8 MHz
12.7
Memory characteristics
12.7.1
RAM and hardware registers
12.7.2
Flash memory
0
0.2
0.4
0.6
0.8
1
1.2
4 MHz
2 MHz
1 MHz 500 kHz 250 kHz 125 kHz
Application Frequency
+/-Jitter (%)
Max
Typ
Table 99.
RAM and hardware registers
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRM
Data retention mode(1)
1.
Minimum VDD supply voltage without losing data stored in RAM (in Halt mode or under reset) or in
hardware registers (only in Halt mode). Not tested in production.
Halt mode (or reset)
1.6
V
Table 100.
Dual voltage HDFlash memory
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
Unit
fCPU
Operating frequency
Read mode
0
8
MHz
Write/Erase mode
1
8
VPP
Programming voltage(2)
4.5V < VDD < 5.5V
11.4
12.6
V
IDD
Supply current(3)
Write/Erase
<10
µA
IPP
VPP current
(3)
Read (VPP = 12V)
200
µA
Write/Erase
30
mA
tVPP
Internal VPP stabilization time
10
µs
tRET
Data retention
TA=85°C
40
years
TA=105°C
25
TA=125°C
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com