Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK2 Datasheet(PDF) 158 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 158 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 154Page - STMicroelectronics ST72324BK2 Datasheet HTML 155Page - STMicroelectronics ST72324BK2 Datasheet HTML 156Page - STMicroelectronics ST72324BK2 Datasheet HTML 157Page - STMicroelectronics ST72324BK2 Datasheet HTML 158Page - STMicroelectronics ST72324BK2 Datasheet HTML 159Page - STMicroelectronics ST72324BK2 Datasheet HTML 160Page - STMicroelectronics ST72324BK2 Datasheet HTML 161Page - STMicroelectronics ST72324BK2 Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 188 page
background image
Electrical characteristics
ST72324B
158/188
RESET pin protection when LVD is enabled
When the LVD is enabled, it is recommended to protect the RESET pin as shown in
Figure 78 and follow these guidelines:
1.
The reset network protects the device against parasitic resets.
2.
The output of the external reset circuit must have an open-drain output to drive the ST7
reset pad. Otherwise the device can be damaged when the ST7 generates an internal
reset (LVD or watchdog).
3.
Whatever the reset source is (internal or external), the user must ensure that the level
on the RESET pin can go below the VIL max. level specified in Section 12.10.1.
Otherwise the reset will not be taken into account internally.
4.
Because the reset circuit is designed to allow the internal RESET to be output in the
RESET pin, the user must ensure that the current sunk on the RESET pin (by an
external pull-up for example) is less than the absolute maximum value specified for
IINJ(RESET) in Section 12.2.2 on page 138.
5.
When the LVD is enabled, it is mandatory not to connect a pull-up resistor. A 10nF pull-
down capacitor is recommended to filter noise on the reset line.
6.
In case a capacitive power supply is used, it is recommended to connect a 1M ohm
pull-down resistor to the RESET pin to discharge any residual voltage induced by this
capacitive power supply (this will add 5µA to the power consumption of the MCU).
Tips when using the LVD:
●
Check that all recommendations related to reset circuit have been applied (see section
above)
●
Check that the power supply is properly decoupled (100 nF + 10 µF close to the MCU).
Refer to AN1709. If this cannot be done, it is recommended to put a 100 nF + 1M Ohm
pull-down on the RESET pin.
●
The capacitors connected on the RESET pin and also the power supply are key to
avoiding any start-up marginality. In most cases, steps 1 and 2 above are sufficient for a
robust solution. Otherwise: Replace 10nF pull-down on the RESET pin with a 5 µF to
20 µF capacitor.
Figure 78.
RESET pin protection when LVD is enabled
0.01µF
ST72XXX
Pulse
Filter
RON
VDD
Watchdog
LVD reset
Internal
reset
reset
External
Recommended
1M
Ω
Optional
generator
(note 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com