Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK2 Datasheet(PDF) 160 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 160 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 156Page - STMicroelectronics ST72324BK2 Datasheet HTML 157Page - STMicroelectronics ST72324BK2 Datasheet HTML 158Page - STMicroelectronics ST72324BK2 Datasheet HTML 159Page - STMicroelectronics ST72324BK2 Datasheet HTML 160Page - STMicroelectronics ST72324BK2 Datasheet HTML 161Page - STMicroelectronics ST72324BK2 Datasheet HTML 162Page - STMicroelectronics ST72324BK2 Datasheet HTML 163Page - STMicroelectronics ST72324BK2 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 188 page
background image
Electrical characteristics
ST72324B
160/188
12.10.2
ICCSEL/VPP pin
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Figure 80.
Two typical applications with ICCSEL/VPP pin
(1)
1.
When ICC mode is not required by the application ICCSEL/VPP pin must be tied to VSS.
12.11
Timer peripheral characteristics
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Refer to I/O port characteristics for more details on the input/output alternate function
characteristics (output compare, input capture, external clock, PWM output...).
Data based on design simulation and/or characterization results, not tested in production.
12.11.1
16-bit timer
Table 108.
ICCSEL/VPP pin
Symbol
Parameter
Conditions
Min
Max
Unit
VIL
Input low level voltage(1)
1.
Data based on design simulation and/or technology characteristics, not tested in production.
Flash versions
VSS
0.2
V
ROM versions
VSS
0.3 x VDD
VIH
Input high level voltage(1)
Flash versions
VDD - 0.1
12.6
ROM versions
0.7 x VDD
VDD
Ilkg
Input leakage current
VIN = VSS
±1
µA
ICCSEL/VPP
ST72XXX
10k
Ω
Programming
tool
VPP
ST72XXX
Table 109.
16-bit timer
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tw(ICAP)in
Input capture pulse time
1
tCPU
tres(PWM)
PWM resolution time
2tCPU
fCPU = 8 MHz
250
ns
fEXT
Timer external clock frequency
0fCPU/4
MHz
fPWM
PWM repetition rate
ResPWM
PWM resolution
16
bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com