Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72324BK2 Datasheet(PDF) 187 Page - STMicroelectronics

Part # ST72324BK2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK2 Datasheet(HTML) 187 Page - STMicroelectronics

Back Button ST72324BK2 Datasheet HTML 180Page - STMicroelectronics ST72324BK2 Datasheet HTML 181Page - STMicroelectronics ST72324BK2 Datasheet HTML 182Page - STMicroelectronics ST72324BK2 Datasheet HTML 183Page - STMicroelectronics ST72324BK2 Datasheet HTML 184Page - STMicroelectronics ST72324BK2 Datasheet HTML 185Page - STMicroelectronics ST72324BK2 Datasheet HTML 186Page - STMicroelectronics ST72324BK2 Datasheet HTML 187Page - STMicroelectronics ST72324BK2 Datasheet HTML 188Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 187 / 188 page
background image
ST72324B
Revision history
187/188
10-Oct-2007
6
Removed references to automotive versions (these are covered by
separate ST72324B-Auto datasheet).
Changed Flash endurance to 1 Kcycles at 55°C
Replaced TQFP with LQFP in package outline and device summary on
page 1
Figure 1 on page 9: Replaced 60 Kbytes with 32 Kbytes in program
memory block
Replaced TQFP with LQFP in Figure 2 on page 10, in Figure 4 on
page 11 and in Table 1 on page 12
Changed note 3 in Section 9.2.1 on page 53
Changed Section 10.1.3 on page 60
Changed Master mode operation on page 94
Added unit of measure to LVD supply current in Section 12.5.3 on page
143
Replaced TQFP with LQFP in Section 12.8.2 on page 151
Changed note 4 in Section 12.9.1 on page 153
Changed Figure 78 on page 158
Removed EMC protective circuitry in Figure 79 on page 159 (device
works correctly without these components)
Changed titles of Figure 89 on page 167 and Figure 91 on page 169
Replaced TQFP with LQFP in Section 13.5 on page 171
Changed Section 13.6 on page 171
Replaced TQFP with LQFP in Section 14.1 on page 172, in Table 121 on
page 174, in Section Table 122. on page 175 and in Section 14.3.5 on
page 179
Table 126.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com