Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405EX Datasheet(PDF) 12 Page - Applied Micro Circuits Corporation

Part # 405EX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EX Datasheet(HTML) 12 Page - Applied Micro Circuits Corporation

Back Button 405EX Datasheet HTML 8Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 9Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 10Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 11Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 12Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 13Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 14Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 15Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 16Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
12
AMCC Proprietary
Revision 1.09 - August 21, 2007
Preliminary Data Sheet
• Media Access Control Security (MACSec) features
– Cipher suite GCM-AES-128
– Header insertion and removal
– Integrity and confidentiality with MSDU
• SGT L2 supported features:
– GCM-AES with 128-bit key.
– Integrity only and with confidentiality of MSDU
• ICV generation and validation SGT L3 supported features
– AES-GCM, AES-GMAC with 128, 192 and 256 bit key.
• IPsec/SSL security acceleration engine
• DES, 3DES, AES, ARC-4, AES-GCM, and GMAC-AES encryption/decryption
• MD-5, SHA-1, and SHA-256 hashing
• Public key acceleration for RSA, DSA and Diffie-Hellman
• Combined encryption-hash and hash-decryption with the AES-CCM algorithm.
• True or pseudo random number generators
– Non-deterministic true random numbers
– Pseudo random numbers with lengths of 8B or 16B
– ANSI X9.17 Annex C compliant using a DES algorithm
• Interrupt controller
– Fifteen programmable, maskable interrupts
– Initiate commands via an input interrupt
– Sixteen programmable interrupts indicating completion of certain operations
– All interrupts mapped to one level- or edge-sensitive programmable interrupt output
• DMA controller
– Autonomous, 4-channel
– 1024-words (32 bits/word) per DMA transfer
– Scatter/gather capability with byte aligned addressing
– Byte reverse capability on SA and descriptors
UART
The Universal Asynchronous Receiver/Transmitter (UART) interface provides four configurations:
• One 8-signal port
• Two 4-signal ports.
• Two 2-signal ports
• One 4-signal port and one 2-signal port
The UART performs serial-to-parallel conversion on data received from a peripheral device or a modem, and
parallel-to-serial conversion on data received from the processor.
Features include:
• Compatible with the16750
• All six software modem control functions (CTS, RTS, DSR, DTR, RI, DCD) on UART0
• Programmable auto flow (data flow controlled by RTS and CTS signals)
• Characters can be 5, 6, 7, or 8 bits
• Programmable start, stop, parity bit insertion
• Sixty-four byte FIFOs for buffering Tx and Rx data
• LIN sub-bus specification compliant - line break generation/detection and false start bit detection
• Programmable internal/external loopback capabilities
• Low Power and Sleep mode
• Register conformance (after reset) to configuration of the NS16450 register set
• Hold and shift registers (eliminate need for precise synchronization between processor and serial data in
character mode)
• Complete status reporting
• Full prioritized interrupt system controls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com