Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405EX Datasheet(PDF) 60 Page - Applied Micro Circuits Corporation

Part # 405EX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EX Datasheet(HTML) 60 Page - Applied Micro Circuits Corporation

Back Button 405EX Datasheet HTML 56Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 57Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 58Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 59Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 60Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 61Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 62Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 63Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 64Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
60
AMCC Proprietary
Revision 1.09 - August 21, 2007
Preliminary Data Sheet
The following diagram illustrates the relationship among the signals involved with a DDR write operation.
Figure 7. DDR SDRAM Write Cycle Timing
Note: The timing data in the following tables is based on simulation runs using Einstimer.
Table 21. I/O Timing—DDR SDRAM TDS
Notes:
1. All of the DQS signals are referenced to MemClkOut with the DQS delay line programmed to 1 cycle.
2. Clock speed is 200MHz.
Signal Name
TDS (ns)
Minimum
Maximum
DQS0
4
6
DQS1
4
6
DQS2
4
6
DQS3
4
6
DQS4
4
6
DQS
MemData
PLB Clk
MemClkOut
Addr/Cmd
TSK
TSA
THA
TDS
TDS
TSD
THD
TSD
THD
TSA = Setup time for address and command signals to MemClkOut
TSK = Delay from rising edge of MemClkOut to rising/falling edge of signal (skew)
THA = Hold time for address and command signals from MemClkOut
TDS = Delay from rising/falling edge of clock to the rising/falling edge of DQS
TSD = Setup time for data signals (minimum time data is valid before rising/falling edge of DSQ)
THD = Hold time for data signals (minimum time data is valid after rising/falling edge of DSQ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com