Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405EX Datasheet(PDF) 40 Page - Applied Micro Circuits Corporation

Part # 405EX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EX Datasheet(HTML) 40 Page - Applied Micro Circuits Corporation

Back Button 405EX Datasheet HTML 36Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 37Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 38Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 39Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 40Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 41Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 42Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 43Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 44Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
40
AMCC Proprietary
Revision 1.09 - August 21, 2007
Preliminary Data Sheet
System Interface
SysClk
System input clock.
I
3.3V tolerant
2.5V CMOS
receiver
1
SysErr
Machine check exception has occurred.
O
3.3V tolerant
2.5V CMOS
SysReset
Main system reset. This signal may be driven by the PPC405EX to
cause a board level reset to occur.
I/O
3.3V tolerant
2.5V CMOS
1, 2
TestEn
Test enable. Reserved for manufacturing LSSD test.
I
3.3V LVTTL
receiver
w/pull-down
3
Halt
External request to stop the processor.
I
3.3V LVTTL
receiver
w/pull-up
TmrClk
Processor timer external input.
I
3.3V LVTTL
receiver
w/pull-up
GPIO00:27
GPIO29:31
General purpose I/O. Most of the GPIO signals are multiplexed with
other signals. Which signal is connected to the external pin depends
on the setting of bits in the GPIO registers.
I/O
3.3V LVTTL
GPIO28
General purpose I/O. Most of the GPIO signals are multiplexed with
other signals. Which signal is connected to the external pin depends
on the setting of bits in the GPIO registers.
I/O
3.3V tolerant
2.5V CMOS
PSROUser
Performance screen ring output. Use for module characterization and
screening only.
O3
Trace Interface
TrcClk
Trace interface clock. Operates at half the CPU core frequency.
O
3.3V LVTTL
TS0E
TS1E
Even trace execution status.
I/O
3.3V LVTTL
TS0O
TS1O
Odd trace execution status.
I/O
3.3V LVTTL
TS0:3
Trace status.
I/O
3.3V LVTTL
Table 6. Signal Functional Description (Sheet 3 of 7)
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 37 for recommended termination values.
3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 37 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull up or pull down as required.
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com