Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405EX Datasheet(PDF) 59 Page - Applied Micro Circuits Corporation

Part # 405EX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EX Datasheet(HTML) 59 Page - Applied Micro Circuits Corporation

Back Button 405EX Datasheet HTML 55Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 56Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 57Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 58Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 59Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 60Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 61Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 62Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 63Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
Revision 1.09 - August 21, 2007
AMCC Proprietary
59
Preliminary Data Sheet
DDR SDRAM Write Operation
The rising edge of MemClkOut aligns with the first rising edge of the DQS signal on writes. The following data is
generated by means of simulation and includes logic, driver, package RLC, and lengths. Values are calculated
over best case and worst case processes with speed, junction temperature, and voltage as follows:
Note: In the following tables and timing diagrams, minimum values are measured under best case conditions and
maximum values are measured under worst case conditions. The timing numbers in the following sections are
obtained using a simulation that assumes a model as shown in Figure 6.
Table 19. DDR SDRAM Output Driver Specifications
Signal Path
Output Current (mA)
I/O H (maximum)
I/O L (maximum)
Write Data
MemData00:31
10
10
ECC0:7
10
10
DM0:4
10
10
MemClkOut
10
10
MemAddr00:14
10
10
BA0:2
10
10
RAS
10
10
CAS
10
10
WE
10
10
BankSel0:1
10
10
MemClkEn
10
10
DQS0:4
10
10
MemODT0:1
10
10
Table 20. DDR SDRAM Write Operation Conditions
Case
Process Speed
Junction Temperature (°C)
Voltage (V)
Best
Fast
−40
+1.3
Worst
Slow
+125
+1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com