Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405EX Datasheet(PDF) 65 Page - Applied Micro Circuits Corporation

Part # 405EX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EX Datasheet(HTML) 65 Page - Applied Micro Circuits Corporation

Back Button 405EX Datasheet HTML 59Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 60Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 61Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 62Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 63Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 64Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 65Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 66Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 67Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 65 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
Revision 1.09 - August 21, 2007
AMCC Proprietary
65
Preliminary Data Sheet
Initialization
The following describes the method by which initial chip settings are established when a system reset occurs.
Strapping
When the SysReset input is driven low (system reset), the state of certain I/O pins is read in order to enable default
initial conditions before PPC405EX start-up. The actual instant of capture is the nearest system clock edge before
the deassertion of reset. These pins must be strapped using external pull-up (logical 1) or pull-down (logical 0)
resistors to select the desired default conditions. The recommended pull-up is 3k
Ω to +3.3V, or 10kΩ to +5V. The
recommended pull-down is 1K
Ω to GND. These pins are only used for strap functions during reset. They are used
for other signals during normal operation. The following table lists the strapping pins along with their functions and
strapping options. The signal names assigned to the pins for normal operation appear below the pin number.
Table 25. Strapping Pin Assignments
Pin Strapping
Initialization Source
Option
F04
(UART0DCD)
F02
(UART0DSR)
G02
(UART0CTS)
EBC 8-bit wide ROM
A
0
0
0
EBC 16-bit wide ROM
B
0
0
1
EBC 16-bit wide ROM
C
0
1
0
EBC 8-bit wide NAND Flash
D
0
1
1
EBC 8-bit wide NAND Flash
E
1
0
0
IIC ROM at address 0xA8
G
1
0
1
EBC 8-bit wide ROM
F
1
1
0
IIC ROM at address 0xA4
H
1
1
1
Note: See the PPC405EX Embedded Processor User’s Manual for option descriptions and other details regarding the boot process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com