Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405EX Datasheet(PDF) 53 Page - Applied Micro Circuits Corporation

Part # 405EX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EX Datasheet(HTML) 53 Page - Applied Micro Circuits Corporation

Back Button 405EX Datasheet HTML 49Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 50Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 51Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 52Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 53Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 54Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 55Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 56Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 57Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
Revision 1.09 - August 21, 2007
AMCC Proprietary
53
Preliminary Data Sheet
Table 16. Peripheral Interface I/O Clock Timings
Clock
Min
Max
Units
GMCTxClk frequency
125
125
MHz
GMCTxClk high time
45% of nominal
–
ns
GMCTxClk low time
55% of nominal
–
ns
GMCRxClk frequency
125
125
MHz
GMCRxClk high time
45% of nominal
–
ns
GMCRxClk low time
55% of nominal
–
ns
GMCGTxClk
125
125
MHz
GMCMDClk
2.5
25
MHz
GMCRefClk
125
125
MHz
GMCRefClk edge stability (phase jitter, cycle-to-cycle)
na
± 0.1
ns
GMCRefClk rise time
na
0.4
ns
GMCRefClk high time
40% of nominal
–
ns
GMCRefClk low time
60% of nominal
–
ns
GMCnRxClk
125
125
MHz
GMCnTxClk
125
125
MHz
UARTSerClk
1000/(2TOPB1 + 2ns)
MHz
TmrClk
na
100
MHz
PerClk
100
MHz
TCK
na
20
MHz
USB2Clk (60MHz ± 0.05%)
57.97
60.03
MHz
PCIEnClkC, T (Differential clock input)
100
250
MHz
Notes:
1. TOPB is the period in ns of the OPB clock. The internal OPB clock runs at an integral divisor ratio of the frequency of the PLB clock. The
maximum OPB clock frequency is 100MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com