Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405EX Datasheet(PDF) 41 Page - Applied Micro Circuits Corporation

Part # 405EX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EX Datasheet(HTML) 41 Page - Applied Micro Circuits Corporation

Back Button 405EX Datasheet HTML 37Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 38Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 39Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 40Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 41Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 42Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 43Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 44Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 45Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
Revision 1.09 - August 21, 2007
AMCC Proprietary
41
Preliminary Data Sheet
External Peripheral Interface
PerAddr05:31
Address bus 5:31.
I/O
3.3V LVTTL
PerClk
Clock output.
O
3.3V LVTTL
PerCS0
Chip selects 0.
O
3.3V LVTTL
2
PerCS1:3
Chip selects 1:3.
I/O
3.3V LVTTL
1, 2
PerData00:31
Data bus 0:31.
I/O
3.3V LVTTL
PerDataPar0:3
Data bus parity 0:3.
I/O
3.3V LVTTL
PerOE
Output enable.
O
3.3V LVTTL
2
PerReady
Slave is ready to trasfer data.
I
3.3V LVTTL
receiver
PerBLast
Last transfer of burst access.
I/O
3.3V LVTTL
1, 4
PerErr
External bus error.
I/O
3.3V LVTTL
1, 5
PerRW
Read/Write.
I/O
3.3V LVTTL
1, 2
PerWBE0:3
Write Byte enable 0:3.
I/O
3.3V LVTTL
1, 2
ExtReset
External reset.
O
3.3V LVTTL
External Bus Master Interface
BusReq
External bus request.
I/O
3.3V LVTTL
1
ExtAck
External data transfer complete.
I/O
3.3V LVTTL
1
ExtReq
External data transfer request.
I/O
3.3V LVTTL
1, 4
HoldReq
External request for bus access.
I/O
3.3V LVTTL
1, 5
HoldAck
External request acknowledge.
I/O
3.3V LVTTL
1
DMA Interface
DMAAck0:1
External peripheral DMA acknowledge.
I/O
3.3V LVTTL
DMAAck2:3
External peripheral DMA acknowledge.
I/O
3.3V LVTTL
1
DMAReq0:1
External peripheral DMA request.
I/O
3.3V LVTTL
5
DMAReq2
External peripheral DMA request.
I/O
3.3V LVTTL
1, 5
DMAReq3
External peripheral DMA request.
I/O
3.3V LVTTL
5
DMAEOT0:1
External DMA peripheral end-of-transmission.
I/O
3.3V LVTTL
5
DMAEOT2:3
External DMA peripheral end-of-transmission.
I/O
3.3V LVTTL
1, 5
Table 6. Signal Functional Description (Sheet 4 of 7)
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 37 for recommended termination values.
3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 37 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull up or pull down as required.
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com