Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405EX Datasheet(PDF) 49 Page - Applied Micro Circuits Corporation

Part # 405EX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EX Datasheet(HTML) 49 Page - Applied Micro Circuits Corporation

Back Button 405EX Datasheet HTML 45Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 46Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 47Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 48Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 49Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 50Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 51Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 52Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 53Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
Revision 1.09 - August 21, 2007
AMCC Proprietary
49
Preliminary Data Sheet
Table 11. Typical DC Power Supply Requirements with DDR1 SDRAM
Frequency (MHz)
+1.2V
+1.8V
+2.5V
+3.3V
Total
Unit
Notes
333
1.15
0
0.54
0.10
1.79
W
1, 2
400
1.25
0
0.60
0.14
1.99
W
1, 3
533
1.25
0
0.58
0.12
1.95
W
1, 4
667
1.27
0
0.54
0.10
1.91
W
1, 5
Notes:
1. Values are estimates and subject to change.
2. DDR1 running at 333MHz., PLB running at 166MHz.
3. DDR1 running at 400MHz., PLB running at 200MHz.
4. DDR1 running at 355MHz., PLB running at 177MHz.
5. DDR1 running at 333MHz., PLB running at 166MHz.
Table 12. Typical DC Power Supply Requirements with DDR2 SDRAM
Frequency (MHz)
+1.2V
+1.8V
+2.5V
+3.3V
Total
Unit
Notes
333
1.15
0.26
0.17
0.10
1.689
W
1, 2
400
1.25
0.28
0.17
0.14
1.84
W
1, 3
533
1.25
0.27
0.20
0.12
1.84
W
1, 4
667
1.27
0.26
0.17
0.10
1.80
W
1, 5
Notes:
1. Values are estimates and subject to change.
2. DDR2 running at 333MHz., PLB running at 166MHz.
3. DDR2 running at 400MHz., PLB running at 200MHz.
4. DDR2 running at 355MHz., PLB running at 177MHz.
5. DDR2 running at 333MHz., PLB running at 166MHz.
Table 13. DC Power Supply Loads with DDR1 SDRAM
Parameter
Symbol
Typical
Maximum
Unit
Notes
VDD (+1.2V) active operating current
IDD1.2
920
1390
mA
1
AVDD (+1.2V) active operating current
IADD
40
50
mA
1
AHVDD (+2.5V) active operating current
IAHDD
100
120
mA
1
OVDD (+3.3V) active operating current
IODD
40
50
mA
1
SVDD + EOVDD (+2.5V) active operating current
IDD
200
240
mA
1
SAVDD (+2.5V) active operating current
ISADD
100
120
mA
1
EAVDD (+2.5V) active operating current
IEADD
100
120
mA
1
Notes:
1. Typical and Maximum values are estimates and subject to change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com