Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405EX Datasheet(PDF) 13 Page - Applied Micro Circuits Corporation

Part # 405EX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EX Datasheet(HTML) 13 Page - Applied Micro Circuits Corporation

Back Button 405EX Datasheet HTML 9Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 10Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 11Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 12Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 13Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 14Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 15Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 16Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 17Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
Revision 1.09 - August 21, 2007
AMCC Proprietary
13
Preliminary Data Sheet
• Independently controlled transmit, receive, line status, and data set interrupts
• Programmable baud generator (divides serial clock input and generates 16x clock)
• Ability to add/delete standard asynchronous communication bits such as start, stop, and parity to/from serial
data
• Even, odd, or no-parity bit generation and detection
• Stop bit generation of 1, 1.5, or 2 bits
• Variable baud rate
• Internal diagnostic capability
• Loopback controls for isolating communications link faults
• Break, parity, overrun, framing error simulation
• OPB interface with optional DMA support
IIC Bus Interface
The Inter-Integrated Circuit (IIC) interface provides a Philips I2C® compatible interface operating up to 400kHz
either as a master, a slave, or both with a bootstrap controller (BSC) included. During chip reset, the bootstrap
controller can read configuration data from an IIC compatible memory device (e.g., EEPROM). This data can be
used to replace the default configuration settings provided by the chip.
Features include:
• Two IIC channels
• Compliant with Philips Semiconductors I2C Specification, dated 1995
• Operation at 100kHz or 400kHz
• Byte (8-bit) data
• Addresses are 10 or 7 bits
• Slave Transmit and Receive
• Master Transmit and Receive
• Multiple bus masters supported
• Programmable as master, slave, or master/slave
• Boot parameters read from IIC attached memory (Port 0) with IIC bootstrap controller
• OPB slave interface is 32 bits wide
Serial Communication Port Interface (SCP/SPI)
The Serial Communication Port (SCP) (also known as the Serial Peripheral Interface or SPI) is a full-duplex,
synchronous, character-oriented (byte) port that allows the exchange of data with other serial devices. The SCP is
a master on the serial port supporting a three-wire interface (receive, transmit, and clock), and is a slave on the
OPB.
Features include:
• One SCP channel, full duplex synchronous
•SCP master
• Up to 25MHz
• Programmable internal loopback capabilities
• Multi-master protocol supported
• Independent masking of all interrupts (master collision, transmit FIFO overflow, transmit FIFO empty, receive
FIFO full, receive FIFO underflow, receive FIFO overflow)
• Dynamic control of serial bit rate of data transfer (serial-master mode only)
• Data Item size for each data transfer under programmer control (4-to-16 bits)
• OPB slave interface is 32 bits wide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com