Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405EX Datasheet(PDF) 52 Page - Applied Micro Circuits Corporation

Part # 405EX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EX Datasheet(HTML) 52 Page - Applied Micro Circuits Corporation

Back Button 405EX Datasheet HTML 48Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 49Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 50Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 51Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 52Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 53Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 54Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 55Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 56Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
52
AMCC Proprietary
Revision 1.09 - August 21, 2007
Preliminary Data Sheet
Spread Spectrum Clocking
Care must be taken if using a spread spectrum clock generator (SSCG) with the PPC405EX. This controller uses a
PLL for clock generation inside the chip. The accuracy with which the PLL follows the SSCG is called tracking
skew. The PLL bandwidth and phase angle determine how much tracking skew exists between the SSCG and the
PLL for a given frequency deviation and modulation frequency. If using an SSCG with the PPC405EX the following
conditions must be met:
• The frequency deviation must not violate the minimum clock cycle time. Therefore, when operating the
PPC405EX with one or more internal clocks at their maximum supported frequency, the SSCG can only lower
the frequency.
• The maximum frequency deviation must not exceed
−3%, and the modulation frequency must not exceed
40kHz. In some cases, on-board PPC405EX peripherals impose more stringent requirements (see Note 1).
• Use the peripheral bus clock for logic that is synchronous to the peripheral bus because this clock tracks the
modulation.
Notes:
1. The serial port baud rates are synchronous to the modulated clock. The serial port has a tolerance of
approximately 1.5% on baud rate before framing errors begin to occur, assuming that the connected device is
running at precise baud rates. If an external serial clock is used, baud rate is unaffected by the modulation.
2. Ethernet operation is unaffected.
3. IIC operation is unaffected.
Caution: The system designer must ensure that any SSCG used with the PPC405EX meets these requirements
and does not adversely affect other aspects of the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com