Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SPE-RNB667C Datasheet(PDF) 22 Page - Applied Micro Circuits Corporation

Part # PPC440SPE-RNB667C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RNB667C Datasheet(HTML) 22 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE-RNB667C Datasheet HTML 18Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 19Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 20Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 21Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 22Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 23Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 24Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 25Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 26Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 80 page
background image
PowerPC 440SPe Embedded Processor
22
AMCC Proprietary
Revision 1.23 - Sept 21, 2006
Preliminary Data Sheet
GND
U12
Power
56
GND
U15
GND
U17
GND
U20
GND
U26
GND
V09
GND
V12
GND
V15
GND
V18
GND
Y04
GND
Y10
GND
Y17
GND
Y23
GND
AC01
GND
AC07
GND
AC13
GND
AC14
GND
AC20
GND
AC26
GND
AF04
GND
AF10
GND
AF17
GND
AF23
[GPIO00] [TRCCLK] High Z
L01
GPIO Peripherals
Note: Trace can be enabled at reset by setting
SDR0_SDSTP1[DBG] (bit 27) to 1 in the serial
bootstrap ROM.
55
[GPIO01] [TRCBS0] High Z
H01
[GPIO02] [TRCBS1] High Z
F01
[GPIO03] [TRCBS2] High Z
L02
[GPIO04] [TRCES0] High Z
K03
[GPIO05] [TRCES1] High Z
G02
[GPIO06] [TRCES2] High Z
M05
[GPIO07] [TRCES3] High Z
F02
[GPIO08] [TECES4] High Z
J03
[GPIO09] [TRCTS0] High Z
H04
[GPIO10] [TRCTS1] High Z
J05
Table 3. Signals Listed Alphabetically (Sheet 6 of 25)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com