Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SPE-RNB667C Datasheet(PDF) 49 Page - Applied Micro Circuits Corporation

Part # PPC440SPE-RNB667C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RNB667C Datasheet(HTML) 49 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE-RNB667C Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 53Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
PowerPC 440SPe Embedded Processor
Revision 1.23 - Sept 21, 2006
AMCC Proprietary
49
Preliminary Data Sheet
Signal Description
The PPC440SPe embedded controller is packaged in a 27mm Flip-Chip Plastic Ball Grid Array (FC-PBGA). The
following tables describe the package level pinout.
In the table “Signal Functional Description” on page 50, each I/O signal is listed along with a short description of its
function. Active-low signals (for example, RAS) are marked with an overline. See “Signals Listed Alphabetically” on
page 17 for the pin (ball) number to which each signal is assigned.
Multiplexed Signals
Some signals are multiplexed on the same pin so that the pin can be used for different functions. The signal names
shown in Table 6 on page 50 are not accompanied by signal names that might be multiplexed on the same pin. It is
expected that in any single application a particular pin will always be programmed to serve the same function. The
flexibility of multiplexing allows a single chip to offer a richer pin selection than would otherwise be possible.
Strapping Pins
One group of pins is used as strapped inputs during system reset. These pins function as strapped inputs only
during reset and are used for other functions during normal operation (see “Strapping” on page 77). Note that
these are not multiplexed pins since the function of the pins is not programmable.
Multipurpose Signals
In addition to multiplexing, some pins are also multi-purpose. For example, the PCIX0Ack can function instead as
PCIX0ECC1 depending on the PCI interface mode of operation.
Table 5. Pin Summary
Group
No. of Pins
Total Signal Pins
495
AxVDD (1.5V)
3
AxVDD (2.5V HSS)
6
AxGND
5
OVDD (3.3V I/Os)
23
PxVDD (3.3/1.5V PCI)
14
SVDD (2.5/1.8V SDRAM)
14
VDD (1.5V logic)
28
GND
83
Total Power Pins
Reserved
4
Total Pins
675



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com