Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SPE-RNB667C Datasheet(PDF) 61 Page - Applied Micro Circuits Corporation

Part # PPC440SPE-RNB667C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RNB667C Datasheet(HTML) 61 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE-RNB667C Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 61Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 62Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 63Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 64Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 65Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 80 page
background image
PowerPC 440SPe Embedded Processor
Revision 1.23 - Sept 21, 2006
AMCC Proprietary
61
Preliminary Data Sheet
Input Max Allowable Overshoot (3.3V LVTTL)
VIMAO
+3.9
V
Input Max Allowable Undershoot (3.3V LVTTL)
VIMAU
-0.6
V
Output Max Allowable Overshoot (3.3V LVTTL)
VOMAO
+3.9
V
Output Max Allowable Undershoot (3.3V LVTTL)
VOMAU3
-0.6
V
Case Temperature
TC
0+95
°C6
Notes:
1. PCI-X drivers meet PCI-X specifications.
2. SVREF = SVDD/2
3. The analog voltages used for the on-chip PLLs can be derived from the logic voltage, but must be filtered before entering the
PPC440SPe. See “Absolute Maximum Ratings” on page 58.
4. During chip power-up, OVDD should begin to ramp before VDD. External voltage should not be applied to the chip I/O pins before
OVDD is applied to the chip. A power-down cycle should complete (OVDD and VDD should both be below 0.4V) before a new power
up cycle is started.
5. LPDL is least positive down level; MPUL is most positive up level.
6. Case temperature, TC, is measured at top center of case surface with device soldered to circuit board.
Table 10. Input Capacitance
Parameter
Symbol
Maximum
Unit
Notes
Group 1 (2.5V SSTL I/O)
CIN1
5.7
pF
Group 2 (3.3V LVTTL I/O)
CIN2
6.8
pF
Group 3 (PCI-X I/O)
CIN3
5.1
pF
Group 4 (Receivers)
CIN4
6.7
pF
Group 5 (3.3V tolerant CMOS I/O)
CIN5
2.6
pF
Table 9. Recommended DC Operating Conditions (Sheet 3 of 3)
Device operation beyond the conditions specified is not recommended. Extended operation beyond the recommended
conditions can affect device reliability.
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com