Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SPE-RNB667C Datasheet(PDF) 64 Page - Applied Micro Circuits Corporation

Part # PPC440SPE-RNB667C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RNB667C Datasheet(HTML) 64 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE-RNB667C Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 61Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 62Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 63Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 64Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 65Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 66Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 67Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 68Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
PowerPC 440SPe Embedded Processor
64
AMCC Proprietary
Revision 1.23 - Sept 21, 2006
Preliminary Data Sheet
• For PCI-X and PCI 66 the maximum spread spectrum is -1% modulated between 30kHz and 33kHz.
• For PCI Express, the maximum spread spectrum is -0.5%, modulated between 30kHz and 33kHz. The ports
on the two ends of a link must transmit data at a rate that is within 600 parts per million (ppm) of each other at
all times. This is specified to allow bit rate clock sources with a +/- 300 ppm tolerance.
Notes:
1. The serial port baud rates are synchronous to the modulated clock. The serial port has a tolerance of
approximately 1.5% on baud rate before framing errors begin to occur. The 1.5% tolerance assumes that
the connected device is running at precise baud rates.
2. Ethernet operation is unaffected.
3. IIC operation is unaffected.
Important: It is up to the system designer to ensure that any SSCG used with the PPC440SPe meets the above
requirements and does not adversely affect other aspects of the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com