Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SPE-RNB667C Datasheet(PDF) 63 Page - Applied Micro Circuits Corporation

Part # PPC440SPE-RNB667C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RNB667C Datasheet(HTML) 63 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE-RNB667C Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 61Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 62Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 63Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 64Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 65Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 66Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 67Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
PowerPC 440SPe Embedded Processor
Revision 1.23 - Sept 21, 2006
AMCC Proprietary
63
Preliminary Data Sheet
Figure 4. Clock Timing Waveform
Spread Spectrum Clocking
Care must be taken when using a spread spectrum clock generator (SSCG) with the PPC440SPe. This controller
uses a PLL for clock generation inside the chip. The accuracy with which the PLL follows the SSCG is referred to
as tracking skew. The PLL bandwidth and phase angle determine how much tracking skew there is between the
SSCG and the PLL for a given frequency deviation and modulation frequency. When using an SSCG with the
PPC440SPe the following conditions must be met:
• The frequency deviation must not violate the minimum clock cycle time. Therefore, when operating the
PPC440SPe with one or more internal clocks at their maximum supported frequency, the SSCG can only lower
the frequency.
• The maximum frequency deviation cannot exceed -1%, and the modulation frequency cannot exceed 40kHz.
In some cases, on-board PPC440SPe peripherals impose more stringent requirements.
• Use the Peripheral Bus Clock for logic that is synchronous to the peripheral bus since this clock tracks the
modulation.
• Use the DDR SDRAM MemClkOut since it also tracks the modulation.
Processor Clock (CPU Clock)
FC
Frequency
400
666.66
MHz
TC
Period
1.5
2.5
ns
MemClkOut
FC
Frequency
200
333.33
MHz
TC
Period
3
5
ns
TCH
High time
45% of nominal period
55% of nominal period
ns
OPB Clock and PerClk
FC
Frequency
–
83.33
MHz
TC
Period
12
–
ns
MAL Clock
FC
Frequency
45
83.33
MHz
TC
Period
12
22.2
ns
Table 12. Clocking Specifications
Symbol
Parameter
Min
Max
Units
TCL
TCH
TC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com