Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SPE-RNB667C Datasheet(PDF) 67 Page - Applied Micro Circuits Corporation

Part # PPC440SPE-RNB667C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RNB667C Datasheet(HTML) 67 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE-RNB667C Datasheet HTML 63Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 64Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 65Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 66Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 67Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 68Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 69Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 70Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 71Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
PowerPC 440SPe Embedded Processor
Revision 1.23 - Sept 21, 2006
AMCC Proprietary
67
Preliminary Data Sheet
Table 14. I/O Specifications—All Speeds (Sheet 1 of 2)
Notes:
1. Ethernet interface meets timing requirements as defined by IEEE 802.3 standard.
2. PCI-X timings are for asynchronous operation up to 133.33MHz. PCI-X input setup time requirement is 1.2ns for 133.33MHz
and 1.7ns for 66.66MHz. PCI timings (in parentheses) are for asynchronous operation up to 66.66MHz. PCI output hold time
requirement is 1ns for 66.66MHz and 2ns for 33.33MHz.
3. These are DDR signals that can change on both the positive and negative clock transitions.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(minimum)
I/O L
(minimum)
PCI-X Interface
PCIX0Ack64
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0Clk
2
PCIX0AD63:00
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0Clk
2
PCIX0BE7:0
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0Clk
2
PCIX0CalG0:1
Note 2 (2)
0.5(0)
n/a
n/a
n/a
n/a
PCIX0Clk
2
PCIX0CalR0:1
dc
dc
n/a
n/a
n/a
n/a
async
PCIX0Cap
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0Clk
2
PCIX0Clk
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0Clk
2
PCIX0DevSel
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0Clk
2
PCIX0ECC5:2
n/a
n/a
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0Clk
2
PCIX0Frame
n/a
n/a
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0Clk
2
PCIX0Gnt0
n/a
n/a
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0Clk
2
PCIX0Gnt1
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0Clk
2
PCIX0Gnt2:3
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0Clk
2
PCIX0IDSel
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0Clk
2
PCIX0INTA
Note 2 (2)
0.5(0)
n/a
n/a
n/a
n/a
PCIX0Clk
2
PCIX0IRDY
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0Clk
2
PCIX0M66En
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0Clk
2
PCIXPar
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0Clk
2
PCIXPar64
Note 2 (2)
0.5(0)
n/a
n/a
n/a
n/a
PCIX0Clk
2
PCIX0PErr
Note 2 (2)
0.5(0)
n/a
n/a
n/a
n/a
PCIX0Clk
2
PCIX0Req0
Note 2 (2)
0.5(0)
n/a
n/a
n/a
n/a
PCIX0Clk
2
PCIX0Req1:3
n/a
n/a
n/a
n/a
n/a
n/a
PCIX0Clk
2
PCIX0Req64
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0Clk
2
PCIX0Reset
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0Clk
2
PCIX0SErr
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0Clk
2
PCIX0Stop
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0Clk
2
PCIX0TRDY
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0Clk
2
PCIX0VC
Note 2 (2)
0.5(0)
3.5(6)
0.7 (Note 2)
0.5
1.5
PCIX0Clk
2
Ethernet Interface
EMCCD
-
-
na
na
19.1
8.7
1, async
EMCCrS
-
-
na
na
19.1
8.7
1, async
EMCMDClk
na
na
na
na
19.1
8.7
1, async
EMCMDIO
-
-
-
-
19.1
8.7
EMCMDClk
EMCRxD0:7
4
1
na
na
19.1
8.7
EMCRxClk
EMCRxDV
4
1
na
na
19.1
8.7
EMCRxClk
EMCRxErr
-
-
na
na
19.1
8.7
EMCRxClk
EMCRxClk
-
-
na
na
19.1
8.7
1, async
EMCRefClk
-
-
na
na
19.1
8.7
EMCTxClk
na
na
na
na
19.1
8.7
1, async
EMCGTxClk
na
na
na
na
19.1
8.7
1, async
EMCTxD0:7
na
na
15
2
19.1
8.7
EMCTxClk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com