Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SPE-RNB667C Datasheet(PDF) 5 Page - Applied Micro Circuits Corporation

Part # PPC440SPE-RNB667C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RNB667C Datasheet(HTML) 5 Page - Applied Micro Circuits Corporation

  PPC440SPE-RNB667C Datasheet HTML 1Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 2Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 3Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 4Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 5Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 9Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
PowerPC 440SPe Embedded Processor
Revision 1.23 - Sept 21, 2006
AMCC Proprietary
5
Preliminary Data Sheet
PPC440SPe Functional Block Diagram
Figure 2. PPC440SPe Functional Block Diagram
The PPC440SPe is a System on a Chip (SOC) designed around the IBM CoreConnect Bus
™ Architecture.
Implemented with the Crossbar option, the CoreConnect buses provide:
• Two Master PLB bus 128-bit Data 64-bit Address PLB interfaces up to 166.66MHz, 2.6GB/s on both the
Read and Write data path (10.6 GB/s total)
• 32-bit OPB interfaces up to 83.33MHz for a maximum throughput of 333MB/s
Processor Core
DCR Bus
32KB
On-chip Peripheral Bus (OPB)
GPIO
IIC
UART
Bridge
External
Clock,
Control,
Reset
Power
Mgmt
JTAG
Timers
MMU
OPB
Interrupt
Controller
Universal
I-Cache
32KB
D-Cache
XOR/DMA
PPC440
PCI-Express
x2
x3
MAL
Ethernet
DCRs
GP
Timers
256 KB
Low Latency (LL) Segment
High Bandwidth (HB) Segment
Processor Local Bus (PLB)
Trace
Arb
PLB
I2O/DMA
Memory
PCI-E0 PCI-E1 PCI-E2
MII,
GMII
Queue
DDR PCI-X
4 lanes
8 lanes
4 lanes
IRQ Handler
PCI-E
Bus Controller
(EBC)
10/100/
1000
Controller
(DMA0 and
DMA1)
Accelerator
Unit
(DMA2)
Registers
64-bit
64+8
16
16 IRQs
DDR 1 and 2
SDRAM Cntl
L2 Cache/SRAM
MAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com