Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SPE-RNB667C Datasheet(PDF) 62 Page - Applied Micro Circuits Corporation

Part # PPC440SPE-RNB667C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RNB667C Datasheet(HTML) 62 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE-RNB667C Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 61Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 62Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 63Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 64Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 65Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 66Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
PowerPC 440SPe Embedded Processor
62
AMCC Proprietary
Revision 1.23 - Sept 21, 2006
Preliminary Data Sheet
Clock Test Conditions
Clock timing and switching characteristics are specified in accordance with operating
conditions shown in the table “Recommended DC Operating Conditions.” AC
specifications are characterized with VDD = 1.5V, TC = +95 °C and a 10pF test load as
shown in the figure to the right.
Table 11. DC Power Supply Loads
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
VDD (1.5V) active operating current
IDD
3000
mA
2
OVDD (3.3V) active operating current
IODD
30
mA
2
PxVDD (3.3V) active operating current
IPDD
--
-
mA
2
PxVDD (1.5V) active operating current
IPDD
-
-
1200
mA
SVDD (2.5V) active operating current
ISDD
285
mA
2
SVDD (1.8V) active operating current
ISDD
580
mA
2
AxVDD (1.5V) input current
IADD
33
mA
1, 2
APxVDD (1.5V) input current
IAPDD
33
mA
1, 2
Notes:
1. See “Absolute Maximum Ratings” on page 58 for filter recommendations.
2. Valid only for CPU/PLB/OPB = 533.33/133.33/66.66 MHz.
Table 12. Clocking Specifications
Symbol
Parameter
Min
Max
Units
SysClk Input
FC
Frequency
33.33
83.33
MHz
TC
Period
12
30
ns
TCS
Edge stability (cycle-to-cycle jitter)
–
±0.15
ns
TCH
High time
40% of nominal period
60% of nominal period
ns
TCL
Low time
40% of nominal period
60% of nominal period
ns
Note:Input slew rate
≥ 1V/ns
PLL VCO
FC
Frequency
600
1333.33
MHz
TC
Period
0.75
1.66
ns
Output
Pin
10pF
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com