Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SPE-RNB667C Datasheet(PDF) 72 Page - Applied Micro Circuits Corporation

Part # PPC440SPE-RNB667C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RNB667C Datasheet(HTML) 72 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE-RNB667C Datasheet HTML 68Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 69Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 70Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 71Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 72Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 73Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 74Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 75Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 76Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
PowerPC 440SPe Embedded Processor
72
AMCC Proprietary
Revision 1.23 - Sept 21, 2006
Preliminary Data Sheet
DDR SDRAM Write Operation
The following timing chart shows the relationship between the signals involved in a DDR write operation.
Figure 8. DDR SDRAM Write Cycle Timing
DDR SDRAM Read and Write I/O Timing—TSA and THA
Note 1: Clock speed is 333 MHz. TSA and THA are referenced to MemClkOut.
Note 2: Memory clock signal is shifted by 90
° from the internal clock.
Table 17. DDR SDRAM Read and Write I/O Timing—TSA and THA
Signal Name
TSA (ns)
THA (ns)
Minimum
Minimum
MemAddr00:12
1.32
1.2
BA0:1
1.15
1.49
BankSel0:3
1.12
1.52
ClkEn0:3
1.29
1.45
CAS
1.24
1.14
RAS
1.29
1.48
WE
1.35
1.43
DQS
MemData
PLB Clk
MemClkOut
Addr/Cmd
TSA
THA
TDS
TSD
THD
TSD
THD
TSA = Setup time for address and command signals to MemClkOut
THA = Hold time for address and command signals from MemClkOut
TDS = Delay from rising/falling edge of clock to the rising/falling edge of DQS
TSD = Setup time for data signals (minimum time data is valid before rising/falling edge of DSQ)
THD = Hold time for data signals (minimum time data is valid after rising/falling edge of DSQ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com