Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440SPE-RNB667C Datasheet(PDF) 65 Page - Applied Micro Circuits Corporation

Part # PPC440SPE-RNB667C
Description  PowerPC 440SPe Embedded Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SPE-RNB667C Datasheet(HTML) 65 Page - Applied Micro Circuits Corporation

Back Button PPC440SPE-RNB667C Datasheet HTML 61Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 62Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 63Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 64Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 65Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 66Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 67Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 68Page - Applied Micro Circuits Corporation PPC440SPE-RNB667C Datasheet HTML 69Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
PowerPC 440SPe Embedded Processor
Revision 1.23 - Sept 21, 2006
AMCC Proprietary
65
Preliminary Data Sheet
I/O Specifications
Table 13. Peripheral Interface Clock Timings
Parameter
Min
Max
Units
Notes
PCIX0Clk input frequency (asynchronous mode)
–
133.33
MHz
2
PCIX0Clk period (asynchronous mode)
7.5
–
ns
PCIX0Clk input high time
40% of nominal period
60% of nominal period
ns
PCIX0Clk input low time
40% of nominal period
60% of nominal period
ns
EMCMDClk output frequency
–
2.5
MHz
EMCMDClk period
400
–
ns
EMCMDClk output high time
160
–
ns
EMCMDClk output low time
160
–
ns
EMCTxClk input frequency
2.5
25
MHz
EMCTxClk period
40
400
ns
EMCTxClk input high time
35% of nominal period
–
ns
EMCTxClk input low time
35% of nominal period
–
ns
EMCRxClk input frequency
2.5
25
MHz
EMCRxClk period
40
400
ns
EMCRxClk input high time
35% of nominal period
–
ns
EMCRxClk input low time
35% of nominal period
–
ns
PerClk output frequency (for sync. slaves)
–
83.33
MHz
PerClk period
12
–
ns
PerClk output high time
50% of nominal period
66% of nominal period
ns
PerClk output low time
33% of nominal period
50% of nominal period
ns
UARTSerClk input frequency
–
1000/(2TOPB
1+2ns)
MHz
1
UARTSerClk period
2TOPB+2
–ns
1
UARTSerClk input high time
TOPB+1
–ns
1
UARTSerClk input low time
TOPB+1
–ns
1
TmrClk input frequency
–
100
MHz
TmrClk period
10
–
ns
TmrClk input high time
40% of nominal period
60% of nominal period
ns
TmrClk input low time
40% of nominal period
60% of nominal period
ns
Notes:
1. TOPB is the period in ns of the OPB clock. The internal OPB clock runs at an integral divisor ratio of the frequency of
the PLB clock. The maximum OPB clock frequency is 83.33 MHz. Refer to the Clocking chapter of the PPC440SPe
Embedded Processor User’s Manual for details.
2. When the PCI-X interface is used to support a legacy PCI interface, the maximum PCIXClk frequency is 66.66MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com