Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GX-3RF800C Datasheet(PDF) 91 Page - Applied Micro Circuits Corporation

Part # PPC440GX-3RF800C
Description  Power PC 440GX Embedded Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3RF800C Datasheet(HTML) 91 Page - Applied Micro Circuits Corporation

Back Button PPC440GX-3RF800C Datasheet HTML 85Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 86Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 87Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 88Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 89Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 90Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 91Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 92Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 93Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 91 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
AMCC
91
Revision 1.15 – August 30, 2007
Data Sheet
02/08/2006
Correct timing changes made in 12/22/05 version.
04/04/2006
Add six new PNs (two 533MHz and four 677MHz).
Remove two PNs (no Z shipping for 3NF533C or 3FF533C)
06/09/2006
Update clocking specs and EEPROM information.
09/11/2006
Add four posts to plastic package drawing.
Reduce maximum E temperature rating for selected plastic parts.
09/26/2006
Remove five PNs (end of life)
Add/change timing data (system and DDR SDRAM) for 800MHz Rev F parts
Increase minimum CPU frequency from 300MHz to 333MHz.
Increase SVDD for DDR SDRAM parts operating a 200MHz.
02/23/2007
Add two new ceramic 400MHz PNs. One is leaded (C) and the other is reduced-lead (R).
03/05/2007
Change TOH values for RGMII signals.
08/30/2007
Change the technical support telephone and fax number.
Date
Contents of Modification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com