Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GX-3RF800C Datasheet(PDF) 51 Page - Applied Micro Circuits Corporation

Part # PPC440GX-3RF800C
Description  Power PC 440GX Embedded Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3RF800C Datasheet(HTML) 51 Page - Applied Micro Circuits Corporation

Back Button PPC440GX-3RF800C Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 55Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
AMCC
51
Revision 1.15 – August 30, 2007
Data Sheet
PCIXTRDY
Indicates the target agent’s ability to complete the current data
phase of the transaction.
I/O
3.3V PCI
4
DDR SDRAM Interface
BA0:1
Bank Address supporting up to four internal banks.
O
2.5V SSTL_2
BankSel0:3
Selects up to four external DDR SDRAM banks.
O
2.5V SSTL_2
CAS
Column Address Strobe.
O
2.5V SSTL_2
ClkEn0:3
Clock Enable. One for each bank.
O
2.5V SSTL_2
DM0:8
Memory write data byte lane masks. MEMDM8 is the byte lane
mask for the ECC byte lane.
O
2.5V SSTL_2
DQS0:8
Byte lane data strobe. DQS8 is the data strobe for the ECC byte
lane.
I/O
2.5V SSTL_2
ECC0:7
ECC check bits 0:7.
I/O
2.5V SSTL_2
MemAddr00:12
Memory address bus.
O
2.5V SSTL_2
MemClkOut0
MemClkOut0
Subsystem clock.
O
2.5V SSTL_2
MemData00:63
Memory data bus.
I/O
2.5V SSTL_2
MemVRef1:2
Memory reference voltage (SVREF) input.
I
Voltage Ref
Receiver
RAS
Row Address Strobe.
O
2.5V SSTL_2
WE
Write Enable.
O
2.5V SSTL_2
Ethernet Interface
EMCCD,
EMC1RxErr,
GMCGTxClk,
GMC0TxClk,
TBITxClk,
RTBI0TxClk
MII: Collision detection
RMII 1: Receive error
GMII: 1000Mbps Transmit clock
RGMII: Transmit clock
TBI: Transmit clock
RTBI: Transmit clock
I/O
3.3V tolerant
2.5V CMOS
EMCCrS,
EMC0CrSDV,
GMCTxD7,
GMC1TxD3,
TBITxD7,
RTBI1TxD3
MII: Carrier sense
RMII 0: Carrier sense data valid
GMII: Transmit data
RGMII 1: Transmit data
TBI: Transmit data
RTBI 1: Transmit data
I/O
3.3V tolerant
2.5V CMOS
EMCMDClk
MII and RMII: Management data clock
O
3.3V tolerant
2.5V CMOS
EMCMDIO
MII and RMII: Transfer command and status information between
MII and PHY
I/O
3.3V tolerant
2.5V CMOS
Signal Functional Description (Sheet 2 of 8)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com