Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GX-3RF800C Datasheet(PDF) 85 Page - Applied Micro Circuits Corporation

Part # PPC440GX-3RF800C
Description  Power PC 440GX Embedded Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3RF800C Datasheet(HTML) 85 Page - Applied Micro Circuits Corporation

Back Button PPC440GX-3RF800C Datasheet HTML 81Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 82Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 83Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 84Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 85Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 86Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 87Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 88Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 89Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
AMCC
85
Revision 1.15 – August 30, 2007
Data Sheet
In the following examples, the data strobes (DQS) and the data are shown to be coincident. There is actually a
slight skew as specified by the SDRAM specifications, and there can be additional skew due to loading and signal
routing. It is recommended that the signal length for all of the eight DQS signals be matched.
I/O Timing—DDR SDRAM TSIN and TDIN
Notes:
1. TSIN = Delay from DQS at package pin to C on Stage 1 FF.
2. TDIN = Delay from data at package pin to D on Stage 1 FF.
3. The time values for TSIN include 1/4 of a cycle at the indicated clock speed.
Clock Speed (MHz)
Signal Name
TSIN (ns)
minimum
TSIN (ns)
maximum
Signal Name
TDIN (ns)
minimum
TDIN (ns)
maximum
166
DQS0
2.132
2.884
MemData00:07
0.779
1.502
166
DQS1
2.132
2.867
MemData08:15
0.789
1.521
166
DQS2
2.127
2.873
MemData16:23
0.779
1.530
166
DQS3
2.116
2.851
MemData24:31
0.791
1.553
166
DQS4
2.100
2.845
MemData32:39
0.766
1.501
166
DQS5
2.103
2.844
MemData40:47
0.754
1.525
166
DQS6
2.144
2.902
MemData48:55
0.747
1.513
166
DQS7
2.110
2.864
MemData56:63
0.770
1.521
166
DQS8
2.122
2.860
ECC0:7
0.759
1.464
200
DQS0
1.942
2.365
MemData00:07
0.638
1.165
200
DQS1
1.920
2.314
MemData08:15
0.631
1.149
200
DQS2
1.938
2.361
MemData16:23
0.634
1.151
200
DQS3
1.945
2.370
MemData24:31
0.624
1.169
200
DQS4
1.932
2.332
MemData32:39
0.630
1.151
200
DQS5
1.936
2.348
MemData40:47
0.619
1.133
200
DQS6
1.938
2.356
MemData48:55
0.635
1.149
200
DQS7
1.943
2.360
MemData56:63
0.642
1.151
200
DQS8
1.952
2.381
ECC0:7
0.641
1.141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com