Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GX-3RF800C Datasheet(PDF) 83 Page - Applied Micro Circuits Corporation

Part # PPC440GX-3RF800C
Description  Power PC 440GX Embedded Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3RF800C Datasheet(HTML) 83 Page - Applied Micro Circuits Corporation

Back Button PPC440GX-3RF800C Datasheet HTML 79Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 80Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 81Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 82Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 83Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 84Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 85Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 86Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 87Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
AMCC
83
Revision 1.15 – August 30, 2007
Data Sheet
DDR SDRAM Read Operation
The following examples of timing for DDR SDRAM read operations are based on the relationship between the
incoming data and the PLB clock signal. Since the PLB clock cannot be directly observed, the delay of
MemClkOut(0) relative to the PLB clock (TMD) is provided.
The internal Read Clock signal, like MemClkOut0, is derived from the PLB clock and can be delayed relative to the
PLB clock by programming the RDCT and RDCD fields in the SDRAM0_TR1 register. The delay can be
programmed from 0 to 1/2 cycle in steps using RDCT. Setting RDCD results in a 1/2 cycle delay plus the value set
in RDCT. The delay of Read Clock relative to the PLB clock (TRD) shown below assumes the programmable Read
Clock delay is set to zero.
I/O Timing—DDR SDRAM TSD and THD
Notes:
1. TSD and THD are measured under worst case conditions.
2. The time values in the table include 1/4 of a cycle at the indicated clock speed.
3. To obtain adjusted TSD and THD values for lower clock frequencies, subtract 1.5 ns from the values at 166MHz in the table
and add 1/4 of the cycle time for the lower clock frequency (e.g., TSD - 1.5 + 0.25TCYC).
Clock Speed (MHz)
Signal Names
Reference Signal
TSD (ns)
THD (ns)
166
MemData00:07, DM0
DQS0
1.240
1.224
166
MemData08:15, DM1
DQS1
1.236
1.188
166
MemData16:23, DM2
DQS2
1.223
1.224
166
MemData24:31, DM3
DQS3
1.221
1.185
166
MemData32:39, DM4
DQS4
1.238
1.230
166
MemData40:47, DM5
DQS5
1.286
1.175
166
MemData48:55, DM6
DQS6
1.234
1.214
166
MemData56:63, DM7
DQS7
1.257
1.154
166
ECC0:7, DM8
DQS8
1.237
1.243
200
MemData00:07, DM0
DQS0
0.916
0.542
200
MemData08:15, DM1
DQS1
1.018
0.522
200
MemData16:23, DM2
DQS2
1.017
0.527
200
MemData24:31, DM3
DQS3
0.951
0.532
200
MemData32:39, DM4
DQS4
1.030
0.533
200
MemData40:47, DM5
DQS5
1.014
0.536
200
MemData48:55, DM6
DQS6
0.994
0.534
200
MemData56:63, DM7
DQS7
0.994
0.546
200
ECC0:7, DM8
DQS8
1.000
0.532



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com