Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GX-3RF800C Datasheet(PDF) 77 Page - Applied Micro Circuits Corporation

Part # PPC440GX-3RF800C
Description  Power PC 440GX Embedded Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3RF800C Datasheet(HTML) 77 Page - Applied Micro Circuits Corporation

Back Button PPC440GX-3RF800C Datasheet HTML 73Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 74Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 75Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 76Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 77Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 78Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 79Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 80Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 81Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
AMCC
77
Revision 1.15 – August 30, 2007
Data Sheet
I/O Specifications—500MHz–800MHz
Notes:
1. PerClk rising edge at package pin with a 10pF load trails the internal PLB clock by approximately 1.3ns.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup
Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(minimum)
I/O L
(minimum)
External Slave Peripheral Interface
PerData00:31
2.8
1
6.6
0
15.3
10.2
PerClk
PerAddr00:31
2.9
1
6.6
0
15.3
10.2
PerClk
PerPar0:3
2.7
1
6.0
0
15.3
10.2
PerClk
PerWBE0:3
1.8
1
5.1
0
15.3
10.2
PerClk
PerCS0:7
na
na
5.8
0
15.3
10.2
PerClk
PerOE
na
na
5.5
0
15.3
10.2
PerClk
PerWE
na
na
5.5
0
15.3
10.2
PerBLast
3.3
1
5.7
na
15.3
10.2
PerClk
PerReady[RcvrInh]
4.9
1
na
na
na
na
PerClk
PerR/W
2.5
1
5.7
na
15.3
10.2
PerClk
DMAReq0:3
dc
dc
na
na
na
na
PerClk
DMAAck0:3
na
na
6.0
0
5.1
6.8
PerClk
EOT0:3/TC0:3
dc
dc
6.3
0
15.3
10.2
PerClk
External Master Peripheral Interface
PerClk
na
na
na
na
15.3
10.2
PLB Clk
1
ExtReset
na
na
6.7
0
15.3
10.2
PerClk
HoldReq
2.8
1
na
na
na
na
PerClk
HoldAck
na
na
5.5
0
15.3
10.2
PerClk
ExtReq
1.5
1
na
na
na
na
PerClk
ExtAck
na
na
5.7
0
15.3
10.2
PerClk
BusReq
na
na
5.7
0
15.3
10.2
PerClk
PerErr
2.5
1
na
na
15.3
10.2
PerClk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com