Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GX-3RF800C Datasheet(PDF) 89 Page - Applied Micro Circuits Corporation

Part # PPC440GX-3RF800C
Description  Power PC 440GX Embedded Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3RF800C Datasheet(HTML) 89 Page - Applied Micro Circuits Corporation

Back Button PPC440GX-3RF800C Datasheet HTML 85Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 86Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 87Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 88Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 89Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 90Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 91Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 92Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 93Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 89 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
AMCC
89
Revision 1.15 – August 30, 2007
Data Sheet
Initialization
The PPC440GX provides the option for setting initial parameters based on default values or by reading them from
a slave PROM attached to the IIC0 bus (see “Serial EEPROM” below). Some of the default values can be altered
by strapping on external pins (see “Strapping” below).
Strapping
While the SysReset input pin is low (system reset), the state of certain I/O pins is read to enable certain default
initial conditions prior to PPC440GX start-up. The actual capture instant is the nearest SysClk edge before the
deassertion of reset. These pins must be strapped using external pull-up (logical 1) or pull-down (logical 0)
resistors to select the desired default conditions. They are used for strap functions only during reset. Following
reset they are used for normal functions.
The following table lists the strapping pins along with their functions and strapping options:
Serial EEPROM
During reset, initial conditions other than those obtained from the strapping pins can be read from a ROM device
connected to the IIC0 port. At the de-assertion of SysReset, if the bootstrap controller is enabled, the PPC440GX
sequentially reads 16 bytes from the ROM device on the IIC0 port and sets the SDR0_SDSTP0, SDR0_SDSTP1,
SDR0_SDSTP2, and SDR0_SDSTP3 registers accordingly.
The initialization settings and their default values are covered in detail in the PowerPC 440GX Embedded
Processor User’s Manual.
Strapping Pin Assignments
Function
Option
Ball Strapping
V24
(UART0_DCD)
V02
(UART0_DSR)
L07
(GMC1TxEr)
Serial device is disabled. Each of the four options (A–
D) is a combination of boot source, boot-source width,
and clock frequency specifications. Refer to the IIC
Bootstrap Controller chapter in the PPC440GX
Embedded Processor User’s Manual for details.
A
000
B0
x
1
C
010
D
100
Serial device is enabled. The option being
selected is the IIC0 slave address that will
respond with strapping data.
0x54
1
0
1
0x50
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com