Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GX-3RF800C Datasheet(PDF) 52 Page - Applied Micro Circuits Corporation

Part # PPC440GX-3RF800C
Description  Power PC 440GX Embedded Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3RF800C Datasheet(HTML) 52 Page - Applied Micro Circuits Corporation

Back Button PPC440GX-3RF800C Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 56Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
52
AMCC
Revision 1.15 – August 30, 2007
Data Sheet
EMCRxD0:3,
EMC0RxD0:1,
EMC1RxD0:1,
EMC0RxD,
EMC1RxD,
EMC2RxD,
EMC3RxD,
GMCTxD0:1,
GMC0TxD0:1,
TBITxD0:1,
RTBI0TxD0:1
MII: Receive data
RMII 0: Receive data
RMII 1: Receive data
SMII 0: Receive data
SMII 1: Receive data
SMII 2: Receive data
SMII 3: Receive data
GMII: Transmit data
RGMII 0: Transmit data
TBI: Transmit data
RTBI 0: Transmit data
I/O
3.3V tolerant
2.5V CMOS
EMCRxDV,
EMC1CrSDV,
GMCTxD4,
GMC1TxD0,
TBITxD4,
RTBI1TxD0
MII: Receive data valid
RMII 1: Carrier sense data valid
GMII: Transmit data
RGMII 1: Transmit data
TBI: Transmit data
RTBI 1: Transmit data
I/O
3.3V tolerant
2.5V CMOS
EMCRxClk,
GMCTxD5,
GMC1TxD1,
TBITxD5,
RTBI1TxD1
MII: Receive clock
GMII: Transmit data
RGMII 1: Transmit data
TBI: Transmit data
RTBI 1: Transmit data
I/O
3.3V tolerant
2.5V CMOS
EMCRxErr,
EMC0RxErr,
GMCTxD6,
GMC1TxD2,
TBITxD6,
RTBI1TxD2
MII: Receive error
RMII 0: Receive error
GMII: Transmit data
RGMII 1: Transmit data
TBI: Transmit data
RTBI 1: Transmit data
I/O
3.3V tolerant
2.5V CMOS
EMCTxClk,
EMCRefClk
MII: Transmit clock
RMII and SMII: Reference clock
I
3.3V tolerant
2.5V CMOS
5
EMCTxD0:3,
EMC0TxD0:1,
EMC1TxD0:1,
EMC0TxD,
EMC1TxD,
EMC2TxD,
EMC3TxD,
GMCTxD2:3,
GMC0TxD2:3,
TBITxD2:3,
RTBI0TxD2:3
MII: Transmit data
RMII 0: Transmit data
RMII 1: Transmit data
SMII 0: Transmit data
SMII 1: Transmit data
SMII 2: Transmit data
SMII 3: Transmit data
GMII: Transmit data
RGMII 0: Transmit data
TBI: Transmit data
RTBI 0: Transmit data
O
3.3V tolerant
2.5V CMOS
EMCTxEn,
EMC0TxEn,
EMCSync
MII: Transmit data enabled
RMII 0: Transmit data enabled
SMII: Sync signal
O
3.3V tolerant
2.5V CMOS
EMCTxErr,
EMC1TxEn,
GMCRxClk,
GMC0RxClk,
TBIRxClk0,
RTBI0RxClk
MII: Transmit error:
RMII: Transmit data enabled
GMII: Receive clock
RGMII: Receive clock
TBI: Receive clock 0
RTBI: Receive clock
I/O
3.3V tolerant
2.5V CMOS
GMCCD,
GMC1RxClk,
RTBI1RxClk
GMII: Collision detection
RGMII: Receive clock
RTBI: Receive clock
I
3.3V tolerant
2.5V CMOS
5
Signal Functional Description (Sheet 3 of 8)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com