Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GX-3RF800C Datasheet(PDF) 74 Page - Applied Micro Circuits Corporation

Part # PPC440GX-3RF800C
Description  Power PC 440GX Embedded Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3RF800C Datasheet(HTML) 74 Page - Applied Micro Circuits Corporation

Back Button PPC440GX-3RF800C Datasheet HTML 70Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 71Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 72Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 73Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 74Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 75Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 76Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 77Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 78Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
74
AMCC
Revision 1.15 – August 30, 2007
Data Sheet
Ethernet RTBI Interface
RTBI0RxClk
na
na
na
na
na
na
1,
async
RTBI0RxD0:4
1
1
na
na
5.1
6.8
RTBI0RxClk
RTBI0TxClk
na
na
na
na
5.1
6.8
1,
async
RTBI0TxD0:4
na
na
3.5
5.1
5.1
6.8
RTBI0TxClk
RTBI1RxClk
na
na
na
na
na
na
1,
async
RTBI1RxD0:4
1
1
na
na
5.1
6.8
RTBI1RxClk
RTBI1TxClk
na
na
na
na
5.1
6.8
1,
async
RTBI1TxD0:4
na
na
3.5
5.1
5.1
6.8
RTBI1TxClk
GMCRefClk
na
na
na
na
na
na
async
I/O Specifications—All Speeds (Sheet 5 of 7)
Notes:
1. Ethernet interface meets timing requirements as defined by IEEE 802.3 standard.
2. PCI-X timings are for asynchronous operation up to 133MHz. PCI-X input setup time requirement is 1.2ns for 133MHz and
1.7ns for 66MHz. PCI timings (in parentheses) are for asynchronous operation up to 66MHz. PCI output hold time
requirement is 1ns for 66MHz and 2ns for 33MHz.
3. The clock frequency for RMII operation is 50MHz ± 100ppm.
4. The clock frequency for SMII operation is 125MHz ± 100ppm.
5. These are DDR signals that can change on both the positive and negative clock transitions.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(minimum)
I/O L
(minimum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com