Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GX-3RF800C Datasheet(PDF) 82 Page - Applied Micro Circuits Corporation

Part # PPC440GX-3RF800C
Description  Power PC 440GX Embedded Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3RF800C Datasheet(HTML) 82 Page - Applied Micro Circuits Corporation

Back Button PPC440GX-3RF800C Datasheet HTML 78Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 79Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 80Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 81Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 82Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 83Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 84Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 85Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 86Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
82
AMCC
Revision 1.15 – August 30, 2007
Data Sheet
I/O Timing—DDR SDRAM TSK, TSA, and THA
Notes:
1. TSK is referenced to MemClkOut0(0). TSA and THA are referenced to MemClkOut0(90).
2. To obtain adjusted TSA values for lower clock frequencies, use 3/4 of the cycle time for the lower clock frequency and
subtract TSK maximum at 166MHz (0.75TCYC - TSKmax).
3. To obtain adjusted THA values for lower clock frequencies, use 1/4 of the cycle time for the lower clock frequency and add
TSK minimum at 166MHz (0.25TCYC + TSKmin).
Clock Speed (MHz)
Signal Name
TSK (ns)
TSA (ns)
THA (ns)
Minimum
Maximum
Minimum
Minimum
166
MemAddr00:12
0.184
0.592
3.908
1.684
166
BA0:1
0.439
0.683
3.817
1.939
166
BankSel0:3
0.249
0.779
3.721
1.749
166
ClkEn0:3
0.344
0.724
3.776
1.844
166
CAS
0.319
0.561
3.939
1.819
166
RAS
0.373
0.683
3.817
1.873
166
WE
0.393
0.639
3.816
1.893
200
MemAddr00:12
-0.283
0.307
3.443
0.967
200
BA0:1
-0.286
0.353
3.397
0.964
200
BankSel0:3
-0.270
0.321
3.429
0.980
200
ClkEn0:3
-0.280
0.298
3.452
0.970
200
CAS
-0.270
0.294
3.456
0.980
200
RAS
-0.263
0.311
3.439
0.987
200
WE
-0.280
0.288
3.462
0.970



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com