Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440GX-3RF800C Datasheet(PDF) 72 Page - Applied Micro Circuits Corporation

Part # PPC440GX-3RF800C
Description  Power PC 440GX Embedded Processor
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GX-3RF800C Datasheet(HTML) 72 Page - Applied Micro Circuits Corporation

Back Button PPC440GX-3RF800C Datasheet HTML 68Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 69Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 70Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 71Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 72Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 73Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 74Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 75Page - Applied Micro Circuits Corporation PPC440GX-3RF800C Datasheet HTML 76Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 93 page
background image
440GX – Power PC 440GX Embedded Processor
72
AMCC
Revision 1.15 – August 30, 2007
Data Sheet
Ethernet SMII Interface
EMC0:1RxD
0.8
0.8
na
na
5.1
6.8
EMCRefClk
EMC2:3RxD
0.8
0.8
na
na
5.1
6.8
EMCRefClk
EMC0:1TxD
na
na
3.5
2
5.1
6.8
EMCRefClk
EMC2:3TxD
na
na
3.5
2
5.1
6.8
EMCRefClk
EMCRefClk
na
na
na
na
na
na
4,
async
Ethernet GMII Interface
GMCRxClk
na
na
na
na
na
na
1,
async
GMCRxD0:7
2
0
na
na
5.1
6.8
GMCRxClk
GMCRxEr
2
0
na
na
5.1
6.8
GMCRxClk
GMCRxDV
2
0
na
na
5.1
6.8
GMCRxClk
GMCCrS
na
na
5.1
6.8
1,
async
GMCol
na
na
5.1
6.8
1,
async
GMCGTxClk
na
na
na
na
na
na
1,
async
GMCTxD0:7
na
na
5.5
0.5
5.1
6.8
GMCGTxClk
GMCTxEr
na
na
5.5
0.5
5.1
6.8
GMCGTxClk
GMCTxEn
na
na
5.5
0.5
5.1
6.8
GMCGTxClk
I/O Specifications—All Speeds (Sheet 3 of 7)
Notes:
1. Ethernet interface meets timing requirements as defined by IEEE 802.3 standard.
2. PCI-X timings are for asynchronous operation up to 133MHz. PCI-X input setup time requirement is 1.2ns for 133MHz and
1.7ns for 66MHz. PCI timings (in parentheses) are for asynchronous operation up to 66MHz. PCI output hold time
requirement is 1ns for 66MHz and 2ns for 33MHz.
3. The clock frequency for RMII operation is 50MHz ± 100ppm.
4. The clock frequency for SMII operation is 125MHz ± 100ppm.
5. These are DDR signals that can change on both the positive and negative clock transitions.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(minimum)
I/O L
(minimum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com