Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R01 Datasheet(PDF) 16 Page - Holtek Semiconductor Inc

Part # HT46R01
Description  10-Pin MSOP A/D Type 8-Bit OTP MCU
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R01 Datasheet(HTML) 16 Page - Holtek Semiconductor Inc

Back Button HT46R01 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R01 Datasheet HTML 20Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
HT46R01/HT46R02/HT46R03
Rev. 1.00
16
September 21, 2007
the PA0~PA6 pins from high to low. After a HALT in-
struction forces the microcontroller into entering the
Power Down Mode, the processor will remain idle or in a
low-power state until the logic condition of the selected
wake-up pin on Port A changes from high to low. This
function is especially suitable for applications that can
be woken up via external switches. Note that pins PA0
to PA6 can be selected individually to have this wake-up
feature using an internal register known as PAWK, lo-
cated in the Data Memory.
I/O Port Control Registers
Port A has its own control register, known as PAC, which
controls the input/output configuration. With this control
register, each PA0~PA6 I/O pin with or without pull-high
resistors can be reconfigured dynamically under soft-
ware control. Pins PA0 to PA6 port are directly mapped
to a bit in its associated port control register. For the I/O
pin to function as an input, the corresponding bit of the
control register must be written as a
²1². This will then
allow the logic state of the input pin to be directly read by
instructions. When the corresponding bit of the control
register is written as a
²0², the I/O pin will be setup as a
CMOS output. If the pin is currently setup as an output,
instructions can still be used to read the output register.
However, it should be noted that the program will in fact
only read the status of the output data latch and not the
actual logic status of the output pin.
Pin-shared Functions
The flexibility of the microcontroller range is greatly en-
hanced by the use of pins that have more than one func-
tion. Limited numbers of pins can force serious design
constraints on designers but by supplying pins with
multi-functions, many of these difficulties can be over-
come. For some pins, the chosen function of the
multi-function I/O pins is set by configuration options
while for others the function is set by application pro-
gram control.
· External Interrupt Input
The external interrupt pin, INT, is pin-shared with the
I/O pin PA3. To use the pin as an external interrupt in-
put the correct bits in the INTCO register must be pro-
grammed. The pin must also be setup as an input by
setting the appropriate bit in the Port Control Register.
A pull-high resistor can also be selected via the appro-
priate port pull-high resistor register. Note that even if
the pin is setup as an external interrupt input the I/O
function still remains.
· External Timer/Event Counter Input
Each device contains either one or two Timer/Event
Counters depending upon which one is chosen. Each
Timer/Event Counter has an external input pin, known
as TMR0 or TMR1 which are pin-shared with I/O pins
PA2 and PA4 respectively. For these shared pins to be
used as a Timer/Event Counter input, the correspond-
ing Timer/Event Counter must be configured to be in
the Event Counter or Pulse Width Measurement
Mode. This is achieved by setting the appropriate bits
in the relevant Timer/Event Counter Control Register.
The pin must also be setup as an input by setting the
appropriate bit in the Port Control Register. Pull-high
resistor options can also be selected via the appropri-
ate port pull-high resistor register. Note that even if the
pin is setup as an external timer input the I/O function
still remains.
· PFD Output
Each device contains a PFD function whose single
output is pin-shared with PA1. The PFD output func-
tion of this pin along with the timer source is chosen
via bits in the CTRL0 register. Note that the corre-
sponding bit of the port control register, PAC.1, must
setup the pin as an output to enable the PFD output. If
the PAC port control register has setup the pin as an
input, then the pin will function as a normal logic input
with the usual pull-high option, even if the PFD has
been selected.
· PWM Output
All devices contain a single PWM output pin shared
with pins PA4. The PWM output function of this pin
along with the mode type is chosen via bits in the
CTRL0 register. Note that the corresponding bit or bits
of the port control register, PAC.4, must setup the pin
as an output to enable the PWM output. If the PAC
port control register has setup the pin as an input, then
the pin will function as a normal logic input with the
usual pull-high resistor option, even if the PWM has
been selected.
· A/D Inputs
Each device has four A/D converter inputs. All of
these analog inputs are pin-shared with PA0 to PA3. If
these pins are to be used as A/D inputs and not as
normal I/O pins then the corresponding bits in the A/D
Converter Control Register, ADCR, must be properly
set. There are no configuration options associated
with the A/D function. If used as I/O pins, then full
pull-high resistor selections remain, however if used
as A/D inputs then any pull-high resistor selections as-
sociated with these pins will be automatically discon-
nected.
Note that for A/D inputs that are shared with interrupt
or timer pins, care should be taken when switching the
pins to operate as an A/D input. In such cases it is rec-
ommended that the timer or interrupt input is first dis-
abled as a false timer input signal or external interrupt
signal may be generated when the A/D input is setup.
I/O Pin Structures
The diagrams illustrate the I/O pin internal structures. As
the exact logical construction of the I/O pin may differ
from these drawings, they are supplied as a guide only
to assist with the functional understanding of the I/O
pins.
Programming Considerations
Within the user program, one of the first things to con-
sider is port initialisation. After a reset, the PA data regis-
ter and PAC port control register will be set high. This



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com